Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

804-Y25D-330 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 804-Y25D-330
Description  Kotron짰 Sentinel Model 804 RF Level Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-Y25D-330 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

  804-Y25D-330 Datasheet HTML 1Page - Magnetrol International, Inc. 804-Y25D-330 Datasheet HTML 2Page - Magnetrol International, Inc. 804-Y25D-330 Datasheet HTML 3Page - Magnetrol International, Inc. 804-Y25D-330 Datasheet HTML 4Page - Magnetrol International, Inc. 804-Y25D-330 Datasheet HTML 5Page - Magnetrol International, Inc. 804-Y25D-330 Datasheet HTML 6Page - Magnetrol International, Inc. 804-Y25D-330 Datasheet HTML 7Page - Magnetrol International, Inc. 804-Y25D-330 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
804
Sentinel RF Level Transmitter
804
30
2
Integral explosion proof
3
Remote explosion proof
5
Integral explosion proof w/IS safe probe circuit
6
Remote explosion proof w/IS safe probe circuit
Œ
0
120 VAC
1
240 VAC
2
24 VDC
INPUT POWER
1
4-20 mA
5
4-20 mA with RS-485 (Modbus)
ANALOG OUTPUT/COMMUNICATIONS
0
No relays
C
(2) 10 amp SPDT relays with gold flash contacts
D
(4) 10 amp SPDT relays with gold flash contacts
ALARM/CONTROL OUTPUT
R
NEMA 4X/7/9 aluminum, 1" NPT
Y
NEMA 4X/7/9 aluminum, 1" NPT with 316 SS, remote housing
ELECTRONIC HOUSING
MOUNTING
BASIC MODEL
M O D E L
N U M B E R
Models available for quick shipment, usually within one week after factory
receipt of a purchase order, through the Expedite Ship Plan (ESP).
P R O B E S
A full range of rigid and flexible probes, for conduc-
tive and non-conductive process media, is available
in various lengths and materials of construction. For
further information on probe assemblies, refer to
bulletin 50-125.
R E M O T E
C A B L E
Remote cable should be shielded, twisted pair, 22-gauge
stranded conductors and may be ordered using
Magnetrol part number 009-7146-001. Cable length in
feet must be specified at time of order; 2500 feet (760 m)
maximum; 800 feet (240 m) maximum for intrinsically
safe models.
Œ
Not available with Electronic housing code Y


Similar Part No. - 804-Y25D-330

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
804-Y15C-330 MAGNETROL-804-Y15C-330 Datasheet
456Kb / 32P
   Kotron짰 Sentinel II Model 804 RF Level Transmitter
More results

Similar Description - 804-Y25D-330

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
   Kotron짰 Sentinel II Model 804 RF Level Transmitter
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
   Kotron짰 Model 805 Smart RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
805-501A-111 MAGNETROL-805-501A-111 Datasheet
757Kb / 36P
   KOTRON짰 MODEL 805 SMART RF LEVEL TRANSMITTER
801-2031-A40 MAGNETROL-801-2031-A40 Datasheet
192Kb / 8P
   Kotron짰 Model 801 RF Capacitance Transmitter for Level/Flow/Volume
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
   Kotron짰 Model 811 RF Point Level Sensor
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
   Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
   Kotron짰 Model 811 RF Point Level Switch
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
   Kotron짰 Model 810 RF Point Level Switch
822-1000-C00 MAGNETROL-822-1000-C00 Datasheet
211Kb / 8P
   Kotron짰 Sentinel Models 822, 832 and 842 RF Point Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com