Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MZ Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-MZ
Description  DIFFERENTIAL HALL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MZ Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-MZ Datasheet HTML 3Page - IC-Haus GmbH IC-MZ Datasheet HTML 4Page - IC-Haus GmbH IC-MZ Datasheet HTML 5Page - IC-Haus GmbH IC-MZ Datasheet HTML 6Page - IC-Haus GmbH IC-MZ Datasheet HTML 7Page - IC-Haus GmbH IC-MZ Datasheet HTML 8Page - IC-Haus GmbH IC-MZ Datasheet HTML 9Page - IC-Haus GmbH IC-MZ Datasheet HTML 10Page - IC-Haus GmbH IC-MZ Datasheet HTML 11Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
iC-MZ
DIFFERENTIAL HALL SWITCH
Rev A3, Page 10/11
P
S1
S2
B
1
B
1
B
2
BT,hi
B-B
12
B
B
2
iC-MZ
pole wheel
V
P
P/2
V
NA
V
A
V
dc
3P/2
P
P/2
3P/2
V
D
BT,lo
VB
P
P/2
3P/2
V
ND
VB
0
P/2
0
P
3P/2
N
S
P/2
P
3P/2
N
S
Figure 10: Pole wheel scanning
Pole wheel scanning
Pole wheels have a cyclic magnetization along their
perimeter which is used for the magnetic modulation
of iC-MZ. The intensity of the magnetic field is great-
est along the perimeter and significantly diminishes
with an increase in distance , so that iC-MZ should be
placed as close to the pole wheel as possible.
The magnetic subdivision along the pole wheel
perimeter is repeated by a cycle P; iC-MZ’s electrical
output signals also demonstrate this periodicity. The
pole wheel is optimally adjusted when the Hall sen-
sors are activated in antiphase, i.e. the distance of the
Hall sensors is equivalent to just half a magnetic cycle.
With iC-MZ this is the case when P = 4 mm.
The dimensions of a pole wheel and its magnetic sub-
division are often stipulated by the application so that
the signals provided by the two Hall sensors are no
longer in antiphase but in an arbitrary yet fixed phase
relation to one another.
The differential signal and the analog and digital iC-MZ
output signals derived from it in dependence on the an-
gle of rotation of a pole wheel are shown in Figure 10.
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical
applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of
use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued
annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in
Hanover (Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations
of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can
be put to.


Similar Part No. - IC-MZ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MZ ICHAUS-IC-MZ Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ Datasheet
274Kb / 12P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ Datasheet
319Kb / 12P
   DIFFERENTIAL HALL SWITCH
IC-MZDFN10 ICHAUS-IC-MZDFN10 Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_13 Datasheet
274Kb / 12P
   DIFFERENTIAL HALL SWITCH
More results

Similar Description - IC-MZ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MZ ICHAUS-IC-MZ Datasheet
323Kb / 11P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_15 Datasheet
319Kb / 12P
   DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_13 Datasheet
274Kb / 12P
   DIFFERENTIAL HALL SWITCH
logo
Infineon Technologies A...
TLE4925 INFINEON-TLE4925 Datasheet
1Mb / 25P
   Differential Hall Sensor
logo
MagnaChip Semiconductor...
MXM1170 MGCHIP-MXM1170 Datasheet
76Kb / 1P
   Hall switch
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
   Dynamic Differential Hall Effect Sensor
Version 1.1
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com