Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-NQI Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-NQI
Description  13-bit Sin/D CONVERTER WITH CALIBRATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQI Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-NQI Datasheet HTML 2Page - IC-Haus GmbH IC-NQI Datasheet HTML 3Page - IC-Haus GmbH IC-NQI Datasheet HTML 4Page - IC-Haus GmbH IC-NQI Datasheet HTML 5Page - IC-Haus GmbH IC-NQI Datasheet HTML 6Page - IC-Haus GmbH IC-NQI Datasheet HTML 7Page - IC-Haus GmbH IC-NQI Datasheet HTML 8Page - IC-Haus GmbH IC-NQI Datasheet HTML 9Page - IC-Haus GmbH IC-NQI Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
preliminary
preliminary
iC-NQI
13-bit Sin/D CONVERTER WITH CALIBRATION
Rev A2, Page 6/26
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDDA = VDD = 5 V ±10 %, Tj = -40 ... 125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VDDA,
VDD
Permissible Supply Voltage
4.5
5.5
V
002
I(VDDA)
Supply Current in VDDA
fin() = 200 kHz; A, B, Z open
15
mA
003
I(VDD)
Supply Current in VDD
fin() = 200 kHz; A, B, Z open
20
mA
004
Von
Turn-on Threshold VDDA, VDD
3.2
4.4
V
005
Vhys
Turn-on Threshold Hysteresis
200
mV
006
Vc()hi
Clamp Voltage hi at
PSIN, NSIN, PCOS, NCOS,
PZERO, NZERO, VREF
Vc()hi = V() - VDDA;
0.3
1.6
V
I() = 1 mA, other pins open
007
Vc()lo
Clamp Voltage lo at
PSIN, NSIN, PCOS, NCOS,
PZERO, NZERO, VREF, NERR,
SCL, SDA, CLK, DAT, NPRG, A,
B, Z
I() = -1 mA, other pins open
-1.6
-0.3
V
008
Vc()hi
Clamp Voltage hi at
NERR, SCL, SDA, CLK,
DAT, NPRG, A, B, Z
Vc()hi = V() - VDD;
0.3
1.6
V
I() = 1 mA, other pins open
Input Amplifiers PSIN, NSIN, PCOS, NCOS
101
Vin()sig
Permissible Input Voltage Range
0.6
VDDA
− 1.1
V
102
Vos()
Input Offset Voltage
Vin() and G() in accordance with table GAIN;
G ≥ 20
-10
10
mV
G < 20
-15
15
mV
103
TCos
Input Offset Voltage
Temperature Drift
see 102
±10
µV/K
104
Iin()
Input Current
V() = 0 V ... VDDA
-50
50
nA
105
GA
Gain Accuracy
G() in accordance with table GAIN
95
102
%
106
GArel
Gain SIN/COS Ratio Accuracy
G() in accordance with table GAIN
97
103
%
107
fhc
Cut-off Frequency
G = 80
230
kHz
G = 2.667
650
kHz
108
SR
Slew Rate
G = 80
4
V/µs
G = 2.667
9
V/µs
Sin/D Conversion: Accuracy
201
AAabs
Absolute Angle Accuracy without
calibration
referred to 360° input signal, G = 2.667,
Vin = 1.5 Vpp, HYS = 0
-1.0
1.0
DEG
202
AAabs
Absolute Angle Accuracy after
calibration
referred to 360° input signal, HYS = 0, internal
signal amplitude of 2 ... 4 Vpp
-0.5
±0.35
+0.5
DEG
203
AArel
Relative Angle Accuracy
referred to output signal period of A/B,
-10
10
%
G = 2.667, Vin = 1.5 Vpp, SELRES = 1024,
FCTR = 0x0004 ... 0x00FF, fin < finmax
(see table 14)
Reference Voltage VREF
801
VREF
Reference Voltage
I(VREF) = -1 mA ... +1 mA
48
52
%
VDDA
Oscillator
A01
fosc()
Oscillator Frequency
presented at SCL with subdivision
of 2048;
VDDA = VDD = 5 V ±10 %
52
90
MHz
VDDA = VDD = 5 V
60
72
83
MHz
A02
TCosc
Oscillator Frequency Tempera-
ture Drift
VDDA = VDD = 5 V
-0.1
%/K
A03
VCosc
Oscillator Frequency Power Sup-
ply Dependance
+10.6
%/V


Similar Part No. - IC-NQI

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQCEVALNQ6D ICHAUS-IC-NQCEVALNQ6D Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
More results

Similar Description - IC-NQI

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC_11 Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC_13 Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQL ICHAUS-IC-NQL Datasheet
907Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-NQL ICHAUS-IC-NQL_11 Datasheet
894Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
TW8 ICHAUS-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-NV ICHAUS-IC-NV Datasheet
1Mb / 19P
   6-BIT Sin/D FLASH CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com