Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4L20 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # D4L20
Description  Super Fast Recovery Rectifiers (200V 4A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D4L20 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  D4L20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D4L20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D4L20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D4L20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D4L20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D4L20 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D4L20 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0
tp
IO
T
D=tp/T
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
D4L20U
0.3
Derating Curve
VR = VRM
SIN
0.2
0.1
D=0.8
DC
0.5
0.05
0
VR
Heatsink Temperature Tf [
°C]


Similar Part No. - D4L20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D4L40 SHINDENGEN-D4L40 Datasheet
434Kb / 7P
   Super Fast Recovery Rectifiers(400V 4A)
More results

Similar Description - D4L20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D4SBL20U SHINDENGEN-D4SBL20U Datasheet
350Kb / 7P
   Super Fast Recovery Rectifiers(200V 4A)
D4SBL40 SHINDENGEN-D4SBL40 Datasheet
472Kb / 7P
   Super Fast Recovery Rectifiers(400V 4A)
D4L40 SHINDENGEN-D4L40 Datasheet
434Kb / 7P
   Super Fast Recovery Rectifiers(400V 4A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
   Super Fast Recovery Rectifiers(200V 5A)
D5LC20U SHINDENGEN-D5LC20U Datasheet
438Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
D8LC20U SHINDENGEN-D8LC20U Datasheet
443Kb / 7P
   Super Fast Recovery Rectifiers(200V 8A)
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
   Super Fast Recovery Rectifiers(200V 2.5A)
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
   Super Fast Recovery Rectifiers(200V 15A)
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
   Super Fast Recovery Rectifiers(200V 1A)
D20LC20U SHINDENGEN-D20LC20U Datasheet
379Kb / 6P
   Super Fast Recovery Rectifiers(200V 20A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com