Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-PN2656 Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-PN2656
Description  PHASED ARRAY NONIUS ENCODER 26-256
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PN2656 Datasheet(HTML) 7 Page - IC-Haus GmbH

  IC-PN2656_10 Datasheet HTML 1Page - IC-Haus GmbH IC-PN2656_10 Datasheet HTML 2Page - IC-Haus GmbH IC-PN2656_10 Datasheet HTML 3Page - IC-Haus GmbH IC-PN2656_10 Datasheet HTML 4Page - IC-Haus GmbH IC-PN2656_10 Datasheet HTML 5Page - IC-Haus GmbH IC-PN2656_10 Datasheet HTML 6Page - IC-Haus GmbH IC-PN2656_10 Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
preliminary
preliminary
iC-PN2656
PHASED ARRAY NONIUS ENCODER 26-256
Rev B2, Page 7/7
ORDERING INFORMATION
Type
Package
Options
Order Designation
iC-PN2656
-
iC-PN2656 chip
15-pin optoBGA,
6.2 mm x 5.2 mm,
thickness 1.7 mm
iC-PN2656 oBGA LSH2C
32-pin optoQFN,
5 mm x 5 mm,
thickness 0.9 mm
iC-PN2656 oQFN32-5x5
Suitable code discs
255/256/240 PPR
OD ∅ 26 mm, ID ∅ 11.6 mm,
optical radius 10.905 mm
(glass 1 mm)
LSHC4S 26-256N
255/256/240 PPR
OD ∅ 26 mm, ID ∅ 7 mm, opti-
cal radius 10.905 mm
(plastic 1.15 mm)
LSHC5S 26-256N
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (61 35) 92 92-0
Am Kuemmerling 18
Fax: +49 (61 35) 92 92-192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners


Similar Part No. - IC-PN2656_10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2656CHIP ICHAUS-IC-PN2656CHIP Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2656cQFN32 ICHAUS-IC-PN2656cQFN32 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2656OBGALSH2C ICHAUS-IC-PN2656OBGALSH2C Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2656OQFN32 ICHAUS-IC-PN2656OQFN32 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
More results

Similar Description - IC-PN2656_10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2656 ICHAUS-IC-PN2656 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2612 ICHAUS-IC-PN2612 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-512
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
IC-PN3312 ICHAUS-IC-PN3312 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-512
IC-PN3324 ICHAUS-IC-PN3324 Datasheet
563Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-1024
IC-PN ICHAUS-IC-PN Datasheet
719Kb / 11P
   PHASED ARRAY NONIUS ENCODERS
IC-PNH ICHAUS-IC-PNH Datasheet
483Kb / 10P
   PHASED ARRAY NONIUS ENCODERS
IC-PT2613 ICHAUS-IC-PT2613 Datasheet
929Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com