Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-SG85BLCCSG4C Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-SG85BLCCSG4C
Description  Infrared LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SG85BLCCSG4C Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-SG85BLCCSG4C Datasheet HTML 1Page - IC-Haus GmbH IC-SG85BLCCSG4C Datasheet HTML 2Page - IC-Haus GmbH IC-SG85BLCCSG4C Datasheet HTML 3Page - IC-Haus GmbH IC-SG85BLCCSG4C Datasheet HTML 4Page - IC-Haus GmbH IC-SG85BLCCSG4C Datasheet HTML 5Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
prel
imin
ary
prel
imin
ary
iC-SG85 BLCC SG4C
Infrared LED
Rev A1, Page 1/5
FEATURES
o Emission peak at 850 nm matched to silicon sensors
o Optimized irradiance pattern
o High temperature range -40 to 125 °C
o High optical output power
o Fast switching speed
APPLICATIONS
o Illumination for high resolution
optical encoder
o Modulated light barriers
PACKAGES
SG4C
PACKAGES (top view)
PIN CONFIGURATION SG4C
1
2
PIN FUNCTIONS
No. Name Function
1 C
Cathode (-)
2 A
Anode (+)
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur (Ta = 25°C, unless otherwise noted)
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 IF
Forward current (DC)
100
mA
G002 IFSM
Surge forward current
tp ≤ 10 µs, 5 % duty cycle
1500
mA
G003 VR
Reverse voltage
5
V
G004 P
Power dissipation
temperature dependence see fig. 1
150
mW
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-SG85BLCCSG4C

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-SG85BLCCSG1C ICHAUS-IC-SG85BLCCSG1C Datasheet
131Kb / 4P
   Infrared LED
More results

Similar Description - IC-SG85BLCCSG4C

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com