Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-VP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-VP
Description  PHOTO SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-VP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-VP_11 Datasheet HTML 1Page - IC-Haus GmbH IC-VP_11 Datasheet HTML 2Page - IC-Haus GmbH IC-VP_11 Datasheet HTML 3Page - IC-Haus GmbH IC-VP_11 Datasheet HTML 4Page - IC-Haus GmbH IC-VP_11 Datasheet HTML 5Page - IC-Haus GmbH IC-VP_11 Datasheet HTML 6Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
iC-VP
PHOTO SWITCH
Rev A1, Page 1/6
FEATURES
o High spectral sensitivity
o Sensitive to visible light and near infrared
o Adjustable threshold
o Short switching time
o Supply voltage of 4.5 to 16 V
o CMOS-/LSTTL-compatible output
o Photo sensor size: 400 µm x 400 µm
o Option: extended temperature range of -40 to 125 °C
APPLICATIONS
o Receiver for reflecting and
non-reflecting light barriers
o Multi-chip modules for absolute
encoders
PACKAGES
TO18-4L
(lens)
TO18-4F
(flat)
BLOCK DIAGRAM
4.5..16 V
OUT
AMP
COMP
DRIVER
THRESHOLD
1
k
iC−VP
Rset
10 k
GND
ISET
A
VCC
−Ai
iph
Copyright © 2011 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-VP_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-VP-BLCC ICHAUS-IC-VP-BLCC Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-BMST ICHAUS-IC-VP-BMST Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-TO18-4F ICHAUS-IC-VP-TO18-4F Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-TO18-4L ICHAUS-IC-VP-TO18-4L Datasheet
127Kb / 5P
   PHOTOSWITCH
More results

Similar Description - IC-VP_11

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
OT150D RHOPOINT-OT150D Datasheet
113Kb / 1P
   Photo IC Switch Sensor
logo
Hamamatsu Corporation
S6841 HAMAMATSU-S6841 Datasheet
320Kb / 4P
   Photo IC for optical switch
S11049 HAMAMATSU-S11049_15 Datasheet
473Kb / 6P
   Photo IC for optical switch
logo
Vishay Siliconix
LH1539AAC VISHAY-LH1539AAC_11 Datasheet
153Kb / 6P
   1 Form A Photo Darlington Telecom Switch
Rev. 1.4, 11-Mar-11
logo
Hamamatsu Corporation
S11049-02SB HAMAMATSU-S11049-02SB Datasheet
319Kb / 2P
   Analog output photo IC for optical switch
logo
Toshiba Semiconductor
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
   PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
logo
KODENSHI_AUK CORP.
SP-1CL3 KODENSHI-SP-1CL3 Datasheet
268Kb / 2P
   Photo diodes
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH312 NEC-PH312 Datasheet
49Kb / 2P
   PHOTO DIODE
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com