Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXW Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # TXW
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TXW Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  TXW Datasheet HTML 1Page - RUBYCON CORPORATION TXW Datasheet HTML 2Page - RUBYCON CORPORATION TXW Datasheet HTML 3Page - RUBYCON CORPORATION TXW Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
TXW
SERIES
TXW
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ration(MAX)
Items
Characteristics
−25∼+105℃
160∼450V.DC
−40∼+105℃
35∼100V.DV
±20%
(20℃,
120Hz)
Rated Voltage
tanδ
0.12
35
0.10
50
0.09
63
0.08
80
0.08
100
0.2
160∼400
0.25
420∼450
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value. Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated Ripplle current at conditions stated in the table below,
the capacitors shall meet the following requirements.
105℃ Long Life(7000∼10000 hours), Miniaturized
◆FEATURES
Load Life : 105℃ 7000-10000 hours.
Body diameter of φ6.3 to φ18mm with high ripple current capability.
RoHS compliance.
I=3 CV (After 5 minutes application of rated voltage)
I=0.01CV or 3μA whichever is greater. (After 2minites)
Rated Voltage
Z
(−25℃)
/Z
(20℃)
Z
(−40℃)
/Z
(20℃)
35
2
3
50
2
3
63
2
3
80
2
3
100
2
3
160∼250
3
350∼450
8
(20℃,
120Hz)
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
TXW
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
M
Capacitance Tolerance
◆MULTIPLIER FOR RIPPLE CURRENT
(Hz)Frequency
Coefficient
33μF
39∼270μF
330∼680μF
820∼1800μF
 Frequency Coefficient
(35∼100WV)
(160∼450WV)
◆OPTION
PET Sleeve
EFC
Code
UPGRADE
35∼100V.DC
160∼450V.DC
(hrs)
Life Time
φ6.3
φD≧8
7000
10000
Case
Size
120
0.42
0.50
0.55
0.60
1k
0.70
0.73
0.77
0.80
10k
0.90
0.92
0.94
0.96
100k≦
1.00
1.00
1.00
1.00
(Hz)Frequency
Coefficient
160∼250WV
350∼450WV
60
(50)
0.80
0.80
120
1.00
1.00
500
1.20
1.25
10k≦
1.40
1.50
1k
1.30
1.40
I=(μA)
Leakage Current
Rated Capacitance
C=(μF)
Rated Voltage
V=(V)
2012_A


Similar Part No. - TXW

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
TXW RUBYCON-TXW Datasheet
200Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS TXW
TXW RUBYCON-TXW_12 Datasheet
200Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS TXW
TXW_SERIES RUBYCON-TXW_SERIES Datasheet
141Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TXW

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com