Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMLD-6050Z Datasheet(PDF) 10 Page - AIMTEC

Part # AMLD-6050Z
Description  Up to 1000mA | LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-6050Z Datasheet(HTML) 10 Page - AIMTEC

Back Button AMLD-6050Z Datasheet HTML 5Page - AIMTEC AMLD-6050Z Datasheet HTML 6Page - AIMTEC AMLD-6050Z Datasheet HTML 7Page - AIMTEC AMLD-6050Z Datasheet HTML 8Page - AIMTEC AMLD-6050Z Datasheet HTML 9Page - AIMTEC AMLD-6050Z Datasheet HTML 10Page - AIMTEC AMLD-6050Z Datasheet HTML 11Page - AIMTEC AMLD-6050Z Datasheet HTML 12Page - AIMTEC AMLD-6050Z Datasheet HTML 13Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Series AMLD-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
10 of 13
North America only
Typical Characteristics:
AMLD-6050Z
1 LED
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Vin (V)
Efficiency (%)
Efficiency vs Vin
(Forward Voltage = 3.5V per LED)
2 LED
1LED
3 LED
4 LED
5 LED
6 LED
7 LED
25
50
75
100
125
150
175
200
225
250
275
300
325
350
7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Vin (V)
Frequency (KHz)
Operating Frequency vs Input Voltage
(Forward Voltage = 3.5V per LED)
1 LED
2 LED
3 LED
4 LED
5 LED
6 LED
7 LED
Output Current Vs VADJ
0
100
200
300
400
500
600
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
VADJ (V)
ILED (mA)


Similar Part No. - AMLD-6050Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-6050Z AIMTEC-AMLD-6050Z Datasheet
481Kb / 13P
   LED Driver
AMLD-6050Z AIMTEC-AMLD-6050Z Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
More results

Similar Description - AMLD-6050Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_16 Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com