Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM9634H Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # TSM9634H
Description  A 1uA, SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9634H Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TSM9634H Datasheet HTML 1Page - Touchstone Semiconductor Inc TSM9634H Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM9634H Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM9634H Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM9634H Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM9634H Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM9634H Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9634H Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9634H Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TSM9634
Page 4
TSM9634DS r1p0
RTFDS
Supply Current vs Common-Mode Voltage
Input Offset Voltage vs Temperature
Supply Current vs Temperature
INPUT OFFSET VOLTAGE - µV
TEMPERATURE -
°C
TEMPERATURE -
°C
SUPPLY VOLTAGE - Volt
0
10
25
35
10
30
0
40
1.8V
28V
3.6V
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25
°C, unless otherwise noted.
-40
-15
10
35
85
60
15
20
0.2
0.6
0
0.4
1
0.8
0
40
-20
20
80
60
0.2
0.6
0.8
0
0.4
1
Input Offset Voltage Histogram
5
20
30
50
-40
-15
10
35
85
60
0
10
15
20
30
25
5
GAIN ERROR - %
25
20
15
0
10
-0.2
0.2
-0.4
0.4
0
Gain Error Histogram
5
30
Input Offset Voltage vs Common-Mode Voltage
SUPPLY VOLTAGE - Volt
10
15
20
30
25
5
40
35
30
25
20
0


Similar Part No. - TSM9634H

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
TSM9634FEUKT SILABS-TSM9634FEUKT Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
More results

Similar Description - TSM9634H

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com