Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAM3358ZCEA72 Datasheet(PDF) 5 Page - Texas Instruments

Part # XAM3358ZCEA72
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XAM3358ZCEA72 Datasheet(HTML) 5 Page - Texas Instruments

  XAM3358ZCEA72 Datasheet HTML 1Page - Texas Instruments XAM3358ZCEA72 Datasheet HTML 2Page - Texas Instruments XAM3358ZCEA72 Datasheet HTML 3Page - Texas Instruments XAM3358ZCEA72 Datasheet HTML 4Page - Texas Instruments XAM3358ZCEA72 Datasheet HTML 5Page - Texas Instruments XAM3358ZCEA72 Datasheet HTML 6Page - Texas Instruments XAM3358ZCEA72 Datasheet HTML 7Page - Texas Instruments XAM3358ZCEA72 Datasheet HTML 8Page - Texas Instruments XAM3358ZCEA72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 162 page
background image
ARM
Cortex-A8
500/600/720 MHz
(A)(B)(C)
32K/32K L1 w/SED
256K L2 w/ECC
176K ROM 64K RAM
Graphics
PowerVR
SGX
3D GFX
Crypto
64K
shared
RAM
24-bit LCD controller (WXGA)
Touch screen controller
Display
PRU subsystem
PRU x2
200 MHz
8K/8K w/SED
12K RAM
w/SED
Peripherals
L3/L4 interconnect
USB 2.0 HS
OTG + PHY x2
CAN x2
(Ver. 2 A and B)
McASP x2
(4 channel)
I C x3
2
SPI x2
UART x6
Serial
System
Parallel
eDMA
Timers x7
WDT
RTC
eHRPWM x3
eQEP x3
PRCM
eCAP x3
ADC (8 channel)
12-bit SAR
JTAG /
ETM / ETB
Crystal
Oscillator x2
MMC/SD/
SDIO x3
GPIO
EMAC (2-port) 10M/100M/1G
IEEE1588, and switch
(MII, RMII, RGMII)
LPDDR1 / DDR2 / DDR3
(16-bit, 200 / 266 / 303 MHz)
NAND/NOR (16-bit ECC)
Memory interface
A. Nominal voltage condition (1.1 V); available on ZCE and ZCZ packages.
B. Overdrive voltage condition (1.2 V); only available on ZCZ package.
C. Turbo voltage condition (1.26 V); only available on ZCZ package.
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717
– OCTOBER 2011
1.4
Functional Block Diagram
The AM335x microrocessor functional block diagram is shown in Figure 1-1.
Figure 1-1. AM335x Functional Block Diagram
Copyright
© 2011, Texas Instruments Incorporated
Device Summary
5
Submit Documentation Feedback
www.ti.com: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


Similar Part No. - XAM3358ZCEA72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XAM3358ZCE TI1-XAM3358ZCE Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results

Similar Description - XAM3358ZCEA72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com