Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMLDL-3050Z Datasheet(PDF) 2 Page - AIMTEC

Part # AMLDL-3050Z
Description  Up to 1000mA | LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3050Z Datasheet(HTML) 2 Page - AIMTEC

  AMLDL-3050Z Datasheet HTML 1Page - AIMTEC AMLDL-3050Z Datasheet HTML 2Page - AIMTEC AMLDL-3050Z Datasheet HTML 3Page - AIMTEC AMLDL-3050Z Datasheet HTML 4Page - AIMTEC AMLDL-3050Z Datasheet HTML 5Page - AIMTEC AMLDL-3050Z Datasheet HTML 6Page - AIMTEC AMLDL-3050Z Datasheet HTML 7Page - AIMTEC AMLDL-3050Z Datasheet HTML 8Page - AIMTEC AMLDL-3050Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Series AMLDL-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9.G
2 of 14
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Maximum case temperature
100
oC
Thermal Impedance
Free air convection
+40
oC/W
Cooling
Free air convection
Humidity
95
% RH
Case material
Non-Conductive Black Plastic (UL94-V0 rated)
Weight
2.6 (DIP14)
g
6.2 (DIP 16)
Dimensions (L x W x H)
DIP 14
0.80 x 0.40 x 0.27 inches
20.32 x 10.16 x 6.88 mm
DIP 16
0.80 x 0.40 x 0.40 inches
23.37 x 13.97 x 10.16 mm
MTBF
> 500 000hrs (MIL-HDBK-217 F at +25
oC)
Maximum Soldering Temperature
1.5mm from case for 10sec.
260
oC
NOTES:
1.Reversed polarity at the input power will damage the driver. The input ground must not be connected to the negative output.
2.Leave the pin VADJ opened if not used , grounding VADJ will shut the driver off, connecting VADJ to +Vin will damage the driver.
3.Maximum output open voltage is equal to input voltage
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55015 (CISPR22)
IEC 61000-4-2 (Perf. Criteria A)
IEC 61000-4-3 (Perf. Criteria A)
IEC 61000-4-4 (Perf. Criteria A)
IEC 61000-4-6 (Perf. Criteria A)
IEC 61000-4-8 (Perf. Criteria A)
Pin Out Specifications
DIP 14
DIP 16
Pin
Single
1
- V Input
- DC Supply
2
Vadj
PWM/ON/OFF or not used
7
- V Output
LED Cathode connection
8
+ V Output
LED Anode connection
14
+ V Input
+ DC Supply
Derating
Pin
Single
1
- V Input
- DC Supply
2
- V Input
- DC Supply
3
Vadj
PWM/ON/OFF or not used
7
- V Output
LED Cathode connection
8
- V Output
LED Cathode connection
9
+ V Output
LED Anode connection
10
+ V Output
LED Anode connection
15
+ V Input
+ DC Supply
16
+ V Input
+ DC Supply
Free Air Convection
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
AMLDL-301000Z
71
AMLDL-3030Z
AMLDL-3035Z
AMLDL-3050Z
AMLDL-3060Z
AMLDL-3070Z


Similar Part No. - AMLDL-3050Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDL-3050Z AIMTEC-AMLDL-3050Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDL-3050Z AIMTEC-AMLDL-3050Z Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
More results

Similar Description - AMLDL-3050Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_16 Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com