Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAM3356ZCZA72 Datasheet(PDF) 1 Page - Texas Instruments

Part # XAM3356ZCZA72
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XAM3356ZCZA72 Datasheet(HTML) 1 Page - Texas Instruments

  XAM3356ZCZA72 Datasheet HTML 1Page - Texas Instruments XAM3356ZCZA72 Datasheet HTML 2Page - Texas Instruments XAM3356ZCZA72 Datasheet HTML 3Page - Texas Instruments XAM3356ZCZA72 Datasheet HTML 4Page - Texas Instruments XAM3356ZCZA72 Datasheet HTML 5Page - Texas Instruments XAM3356ZCZA72 Datasheet HTML 6Page - Texas Instruments XAM3356ZCZA72 Datasheet HTML 7Page - Texas Instruments XAM3356ZCZA72 Datasheet HTML 8Page - Texas Instruments XAM3356ZCZA72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 162 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717
– OCTOBER 2011
AM335x ARM® Cortex
™-A8 Microprocessors (MPUs)
Check for Samples: AM3359, AM3358
1
Device Summary
1.1
Features
1234567
– 256KB of L2 Cache with Error Correcting
• Highlights
Code (ECC)
– 500-MHz, 600-MHz, or 720-MHz ARM®
– 176KB of On-Chip Boot ROM
Cortex
™-A8 32-Bit RISC Microprocessor
– 64KB of Dedicated RAM
NEON
™ SIMD Coprocessor
– Emulation/Debug
32KB/32KB of L1 Instruction/Data Cache
with Single-Error Detection (parity)
JTAG
256KB of L2 Cache with Error Correcting
Embedded Trace Module
Code (ECC)
Embedded Trace Buffer
– mDDR(LPDDR)/DDR2/DDR3 Support
– Interrupt Controller (up to 128 interrupt
– General-Purpose Memory Support (NAND,
requests)
NOR, SRAM, etc.) Supporting Up to 16-bit
• On-Chip Memory (Shared L3 RAM)
ECC
– 64 KB of General-Purpose On-Chip Memory
– SGX530 Graphics Engine
Controller (OCMC) RAM
– Programmable Real-Time Unit Subsystem
– Accessible to all Masters
– Real-Time Clock (RTC)
– Supports Retention for Fast Wake-Up
– Up to Two USB 2.0 High-Speed OTG Ports
• External Memory Interfaces (EMIF)
with Integrated PHY
– mDDR/DDR2/DDR3 Controller:
– 10/100/1000 Ethernet Switch Supporting Up
mDDR: 200-MHz Clock (400-MHz Data
to Two Ports
Rate)
– Two Controller Area Network Ports (CAN)
DDR2: 266-MHz Clock (532-MHz Data
– Six UARTs, Two McASPs, Two McSPI, and
Rate)
Two I2C Ports
DDR3: 303-MHz Clock (606-MHz Data
– 12-Bit Successive Approximation Register
Rate)
(SAR) ADC
16-Bit Data Bus
– Up to Three 32-Bit Enhanced Capture
1 GB of Total Addressable Space
Modules (eCAP)
Supports One x16, Two x8, or Four x4
– Up to Three Enhanced High-Resolution PWM
Memory Device Configurations
Modules (eHRPWM)
Supports Retention for Fast Wake-Up
– Crypto Hardware Accelerators (AES, SHA,
– General-Purpose Memory Controller (GPMC)
PKA, RNG)
Flexible 8/16-Bit Asynchronous Memory
Interface with Up to seven Chip Selects
• MPU Subsystem
(NAND, NOR, Muxed-NOR, SRAM, etc.)
– 500-MHz, 600-MHz, or 720-MHz ARM®
Uses BCH Code to Support 4-Bit, 8-Bit, or
Cortex
™-A8 32-Bit RISC Microprocessor
16-Bit ECC
– NEON™ SIMD Coprocessor
Uses Hamming Code to Support 1-Bit
– 32KB of L1 Instruction Cache with
ECC
Single-Error Detection (parity)
– Error Locator Module (ELM)
– 32KB of L1 Data Cache with Single
Used in Conjunction with the GPMC to
Error-Detection (parity)
Locate Addresses of Data Errors from
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SmartReflex, DSP/BIOS, XDS are trademarks of Texas Instruments.
3
Cortex, NEON are trademarks of ARM Ltd or its subsidiaries.
4
ARM is a registered trademark of ARM Ltd or its subsidiaries.
5
EtherCAT is a registered trademark of EtherCAT Technology Group.
6
POWERVR is a registered trademark of Imagination Technologies Limited.
7
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative or design phase of
Copyright
© 2011, Texas Instruments Incorporated
development. Characteristic data and other specifications are design goals. Texas
Instruments reserves the right to change or discontinue these products without notice.
English Data Sheet: SPRS717
ProdPrev


Similar Part No. - XAM3356ZCZA72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XAM3358ZCE TI1-XAM3358ZCE Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
XAM3359ZCZ TI1-XAM3359ZCZ Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results

Similar Description - XAM3356ZCZA72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com