Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSR1-7812-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMSR1-7812-NZ
Description  Up to 12 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR1-7812-NZ Datasheet(HTML) 1 Page - AIMTEC

  AMSR1-7812-NZ Datasheet HTML 1Page - AIMTEC AMSR1-7812-NZ Datasheet HTML 2Page - AIMTEC AMSR1-7812-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AMSR1-78-NZ
Up to 12 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.D
1 of 3
North America only
FEATURES:
• 3 Pin SIP Package
• Operating temperature -40°C to +85°C
Pin-out compatible with LM78XX Linear Regulators
Wide input range
• Short Circuit Protection
Very High Efficiency Up To 96%
• Non-Isolated Regulated Outputs
• Low ripple and noise
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Efficiency
Vin Max
(%)
Efficiency
Vin Min
(%)
AMSR1-783.3-NZ
4.75-28
3.3
1
90
83
AMSR1-7805-NZ
6.5-32
5
1
93
88
AMSR1-786.5-NZ
9.0-32
6.5
1
94
90
AMSR1-7809-NZ
12-32
9
1
95
92
AMSR1-7812-NZ
16-32
12
1
96
94
Input Specifications
Input Specifications
Nominal
Typical
Maximum
Units
Voltage range
See the table above
VDC
Filter
Capacitor
Quiescent Current
Vin=(LL-HL) at full load
5
7
mA
Short Circuit consumption
0.5
1.2
W
Output Specifications
Output Specifications
Conditions
Typical
Maximum
Units
Voltage accuracy
100% load
±3
%
Short Circuit protection
Continuous.
Short circuit restart
Auto recovery
Output current limit
2
A
Thermal shutdown
Internal IC junction
150
ºC
Dynamic load stability
10-100% load
±100
mV
Line voltage regulation
Vin=(LL-HL) at full load
±0.4
%
Load voltage regulation
10-100% load
±0.6
%
Temperature coefficient
-40°C to +85°C ambient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
35
mV p-p
Maximum Capacitive Load
2000
µF
General Specifications
Input Specifications
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
With derating above 71°C
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
3.7
g
Dimensions (L x W x H)
0.45 X 0.35 X 0.69 inch
11.50 X 8.90 X 17.50 mm
MTBF
> 2 000 000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Soldering Temperature
1.5 mm from case for 10 sec
300
oC
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.


Similar Part No. - AMSR1-7812-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1-7812-NZ AIMTEC-AMSR1-7812-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSR1-7812-NZ AIMTEC-AMSR1-7812-NZ Datasheet
286Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
More results

Similar Description - AMSR1-7812-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-0.5 DATEL-AT45D15-0.5 Datasheet
1Mb / 15P
   Up to 15 Watt DC-DC Converter
FBSERIES DATEL-FBSERIES Datasheet
1Mb / 17P
   Up to 600 Watt DC-DC Converter
logo
AIMTEC
AMPL-UZ10A AIMTEC-AMPL-UZ10A Datasheet
609Kb / 9P
   Up to 50 Watt | DC-DC Converter
AMSR1-78Z AIMTEC-AMSR1-78Z Datasheet
258Kb / 3P
   Up to 5 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ Datasheet
252Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-1 DATEL-AT45D15-1 Datasheet
1Mb / 16P
   Up to 30 Watt DC-DC Converter
logo
AIMTEC
AMPL-UZ16A AIMTEC-AMPL-UZ16A Datasheet
595Kb / 9P
   Up to 80 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_1 Datasheet
304Kb / 4P
   Up to 7.5 Watt | DC-DC Converter
AMSRW-78Z AIMTEC-AMSRW-78Z Datasheet
294Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com