Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSR1-783.3Z Datasheet(PDF) 3 Page - AIMTEC

Part # AMSR1-783.3Z
Description  Up to 5 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR1-783.3Z Datasheet(HTML) 3 Page - AIMTEC

  AMSR1-783.3Z Datasheet HTML 1Page - AIMTEC AMSR1-783.3Z Datasheet HTML 2Page - AIMTEC AMSR1-783.3Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMSR1-78Z
Up to 5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.D
3 of 3
North America only
Application Circuits
Recommended soft start circuit
Wide input isolated (up to 6000VDC) dual outputs with high efficiency
AMSR1-78Z
C1
+Vin
GND
C2
+Vout
Isolated Dual Outputs
Wide Input Range 6.5V to 18V
C1: Optional
C2: Required for Decoupling (further decoupling may be required
between the two converters).
DC
DC
-Vout
COM
Isolated (up to 6000VDC) single and regulated output
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AMSR1-783.3Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1-783.3Z AIMTEC-AMSR1-783.3Z Datasheet
258Kb / 3P
   Up to 5 Watt | DC-DC Converter
AMSR1-783.3Z AIMTEC-AMSR1-783.3Z Datasheet
109Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
AMSR1-783.3Z AIMTEC-AMSR1-783.3Z Datasheet
278Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
More results

Similar Description - AMSR1-783.3Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1-78Z AIMTEC-AMSR1-78Z Datasheet
258Kb / 3P
   Up to 5 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-0.5 DATEL-AT45D15-0.5 Datasheet
1Mb / 15P
   Up to 15 Watt DC-DC Converter
FBSERIES DATEL-FBSERIES Datasheet
1Mb / 17P
   Up to 600 Watt DC-DC Converter
logo
AIMTEC
AMPL-UZ10A AIMTEC-AMPL-UZ10A Datasheet
609Kb / 9P
   Up to 50 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ Datasheet
252Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-1 DATEL-AT45D15-1 Datasheet
1Mb / 16P
   Up to 30 Watt DC-DC Converter
logo
AIMTEC
AMPL-UZ16A AIMTEC-AMPL-UZ16A Datasheet
595Kb / 9P
   Up to 80 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_1 Datasheet
304Kb / 4P
   Up to 7.5 Watt | DC-DC Converter
AMSRW-78Z AIMTEC-AMSRW-78Z Datasheet
294Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com