Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSRL-7805-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMSRL-7805-NZ
Description  Up to 7.5 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSRL-7805-NZ Datasheet(HTML) 3 Page - AIMTEC

  AMSRL-7805-NZ Datasheet HTML 1Page - AIMTEC AMSRL-7805-NZ Datasheet HTML 2Page - AIMTEC AMSRL-7805-NZ Datasheet HTML 3Page - AIMTEC AMSRL-7805-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AMSRL-78-NZ
Up to 7.5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.D
3 of 4
North America only
Application Circuit
It is recommended that ceramic capacitors are used for C2 & C3.
It is recommended to install C3 to improve performance.
C1 & C2 are required and should be installed as close to the converter as possible
If it is needed to adjust the output voltage higher or lower than the converter’s nominal value use the equations in the table
above to calculate appropriate resistor values, insuring that the voltage is within the adjustment range for the converter used.
If no voltage adjustment is needed connect a 470pF ceramic capacitor from pin 6 to ground.
Model Number
C2 (uF)
AMSRL-783.3-NZ
22
AMSRL-7805-NZ
22
AMSRL-7812-NZ
10
AMSRL-7815-NZ
10
Model Number
Nominal
Output (V)
Vout Adjusted Up
Vout Adjusted Down
R2 (KΩ)
R1 (KΩ)
AMSRL-783.3-NZ
3.3
AMSRL-7805-NZ
5
AMSRL-7812-NZ
12
AMSRL-7815-NZ
15


Similar Part No. - AMSRL-7805-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRL-7805-NZ AIMTEC-AMSRL-7805-NZ Datasheet
252Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
AMSRL-7805-NZ AIMTEC-AMSRL-7805-NZ Datasheet
135Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-7805-NZ AIMTEC-AMSRL-7805-NZ Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
More results

Similar Description - AMSRL-7805-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRW-78Z AIMTEC-AMSRW-78Z Datasheet
294Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ Datasheet
252Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
AMSRW-78Z AIMTEC-AMSRW-78Z_12 Datasheet
179Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_16 Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_16 Datasheet
321Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_12 Datasheet
135Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_13 Datasheet
325Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_13 Datasheet
313Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-JZ AIMTEC-AMSRL-78-JZ Datasheet
545Kb / 7P
   Up to 7.5 Watt | DC-DC Switching Regulator
logo
DATEL, Inc.
AT45D15-0.5 DATEL-AT45D15-0.5 Datasheet
1Mb / 15P
   Up to 15 Watt DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com