Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAM3358ZCZD72 Datasheet(PDF) 3 Page - Texas Instruments

Part # XAM3358ZCZD72
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XAM3358ZCZD72 Datasheet(HTML) 3 Page - Texas Instruments

  XAM3358ZCZD72 Datasheet HTML 1Page - Texas Instruments XAM3358ZCZD72 Datasheet HTML 2Page - Texas Instruments XAM3358ZCZD72 Datasheet HTML 3Page - Texas Instruments XAM3358ZCZD72 Datasheet HTML 4Page - Texas Instruments XAM3358ZCZD72 Datasheet HTML 5Page - Texas Instruments XAM3358ZCZD72 Datasheet HTML 6Page - Texas Instruments XAM3358ZCZD72 Datasheet HTML 7Page - Texas Instruments XAM3358ZCZD72 Datasheet HTML 8Page - Texas Instruments XAM3358ZCZD72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 162 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717
– OCTOBER 2011
Supports Digital Audio Interface
anti-Aliasing
Transmission (SPDIF, IEC60958-1, and
Fully Virtualized Memory Addressing for
AES-3 Formats)
OS Operation in a Unified Memory
FIFO Buffers for Transmit and Receive
Architecture
(256 bytes)
– LCD Controller
– Up to Six UARTs
Up to 24-Bits Data Output; 8-Bits per
All UARTs Support IrDA, CIR and RTS,
Pixel (RGB)
CTS Flow Control
Up to WXGA (1366x768) Resolution
UART1 Supports Full Modem control
Integrated LCD Interface Display Driver
– Up to Two Master/Slave McSPI serial
(LIDD) Controller
Interfaces
Integrated Raster Controller
Up to Two Chip Selects
Integrated DMA Engine to Pull Data from
Up to 48 MHz
the External Frame Buffer without
Burdening the Processor via Interrupts or
– Up to Three MMC/SD/SDIO Ports
a Firmware Timer
1-Bit, 4-Bit and 8-Bit MMC/SD/SDIO
512-Word Deep Internal FIFO
Modes
Supported Display Types:
MMCSD0 has dedicated Power Rail for
1.8-V or 3.3-V Operation
– Character Displays - Uses LCD
Interface Display Driver (LIDD)
Up to 48-MHz Data Transfer Rate
Controller to Program these Displays
Supports Card Detect and Write Protect
– Passive Matrix LCD Displays - Uses
Complies with MMC4.3 and SD/SDIO 2.0
LCD Raster Display Controller to
Specifications
Provide Timing and Data for Constant
– Up to Three I2C Master/Slave Interfaces
Graphics Refresh to a Passive Display
Standard Mode (up to 100 kHz)
– Active Matrix LCD Displays - Uses
Fast Mode (up to 400 kHz)
External Frame Buffer Space and the
– Up to Four Banks of General-Purpose IO
Internal DMA Engine to Drive
(GPIO)
Streaming Data to the Panel. Maximum
32 GPIOs per Bank (Multiplexed with
Resolution is WXGA (1366x768) at
Other Functional Pins)
60-Hz Refresh Rate
GPIOs Can be Used as Interrupt Inputs
– 12-Bit Successive Approximation Register
(Up to Two Interrupt Inputs per Bank)
(SAR) ADC
– Up to Three External DMA Event Inputs That
100K Samples per Second
Can Also be Used as Interrupt Inputs
Input Can be Selected from any of the
– Seven 32-Bit General-Purpose Timers
Eight Analog Inputs Multiplexed Through
an 8:1 analog Switch
DMTIMER1 is a 1-ms Timer Used for
Operating System (OS) Ticks
Can be Configured to Operate as a 4-wire,
5-wire, or 8-wire Resistive Touch Screen
DMTIMER4 - DMTIMER7 are Pinned Out
Controller (TSC) Interface
– One Watchdog Timer
– Up to Three 32-Bit Enhanced Capture
– SGX530 3D Graphics Engine
Modules (eCAP)
Tile-Based Architecture Delivering Up to
Configurable as Three Capture Inputs or
20 MPloy/sec
Three Auxiliary PWM Outputs
Universal Scalable Shader Engine is a
– Up to Three Enhanced High-Resolution PWM
Multi-Threaded Engine Incorporating
Modules (eHRPWM)
Pixel and Vertex Shader Functionality
Dedicated 16-Bit Time-Base Counter with
Advanced Shader Feature Set in Excess
Time and Frequency Controls
of Microsoft VS3.0, PS3.0 and OGL2.0
Configurable as Six Single-Ended, Six
Industry Standard API Support of
Dual-Edge Symmetric, or Three
Direct3D Mobile, OGL-ES 1.1 and 2.0,
Dual-Edge Asymmetric Outputs
OpenVG 1.0, and OpenMax
– Up to Three 32-Bit Enhanced Quadrature
Fine-Grained Task Switching, Load
Pulse Encoder (eQPE) Modules
Balancing and Power Management
• Device Identification
Advanced Geometry DMA Driven
– Contains Electrical fuse Farm (FuseFarm) of
Operation for Minimum CPU Interaction
Which Some Bits are Factory Programmable
Programmable High-Quality Image
Copyright
© 2011, Texas Instruments Incorporated
Device Summary
3
Submit Documentation Feedback
www.ti.com: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


Similar Part No. - XAM3358ZCZD72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XAM3358ZCE TI1-XAM3358ZCE Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results

Similar Description - XAM3358ZCZD72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com