Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KA8.2A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1.5KA8.2A
Description  PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KA8.2A Datasheet(HTML) 3 Page - Vishay Siliconix

  1.5KA8.2A Datasheet HTML 1Page - Vishay Siliconix 1.5KA8.2A Datasheet HTML 2Page - Vishay Siliconix 1.5KA8.2A Datasheet HTML 3Page - Vishay Siliconix 1.5KA8.2A Datasheet HTML 4Page - Vishay Siliconix 1.5KA8.2A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.5KA6.8 thru 1.5KA47A
Vishay General Semiconductor
Document Number: 88300
Revision: 09-Feb-11
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
www.vishay.com
3
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
1.5KA6.8AHE3/54 (1)
0.916
54
1400
13" diameter paper tape and reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
0.1
1.0
10
100
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
td - Pulse Width (s)
0
25
50
75
100
0
75
25
50
100
125
150
175
200
T
J - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance Unidirectional
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
10/1000 µs Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
Measured at
Zero Bias
10
1.0
100
100
1000
10 000
20 000
VBR - Breakdown Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at Stand-Off
Voltage V
WM


Similar Part No. - 1.5KA8.2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA8.2A VISHAY-1.5KA8.2A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
1.5KA8.2A VISHAY-1.5KA8.2A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
logo
General Semiconductor
1.5KA8.2A GE-1.5KA8.2A Datasheet
56Kb / 4P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KA8.2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8_11 Datasheet
86Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
6KA24 VISHAY-6KA24_11 Datasheet
75Kb / 4P
   PAR Transient Voltage Suppressors
Revision: 08-Feb-11
P4KA6.8 VISHAY-P4KA6.8_11 Datasheet
86Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
TMPG06-43A VISHAY-TMPG06-43A_V01 Datasheet
81Kb / 5P
   PAR® Transient Voltage Suppressors
01-Jan-2022
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com