Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4933 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N4933
Description  Fast Switching Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4933 Datasheet(HTML) 2 Page - Vishay Siliconix

  1N4933 Datasheet HTML 1Page - Vishay Siliconix 1N4933 Datasheet HTML 2Page - Vishay Siliconix 1N4933 Datasheet HTML 3Page - Vishay Siliconix 1N4933 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88508
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 27-Oct-09
1N4933 thru 1N4937
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, P.C.B. mounted
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curves
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Maximum Non-repetitive Peak Forward Surge Current
Fig. 4 - Typical Instantaneous Forward Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
1N4933
1N4934
1N4935
1N4936
1N4937
UNIT
Typical thermal resistance
RθJA
(1)
55
°C/W
RθJL
(1)
25
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
1N4933-E3/54
0.33
54
5500
13" diameter paper tape and reel
1N4933-E3/73
0.33
73
3000
Ammo pack packaging
Ambient Temperature (°C)
0
25
50
75
100
125
150
175
0
0.2
0.4
0.6
0.8
1.0
0.375" (9.5 mm)
Lead Length
Capacitive
Loads
5.0
10
20
=
I
pk
I
AV
=
π
I
pk
I
AV
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1.0
1.2
Average Forward Current (A)
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
1
10
100
0
10
20
30
Number of Cycles at 60 Hz
1.0 Cycle
T
A = 75 °C
8.3 ms Single Half Sine-Wave
Instantaneous Forward Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
10
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle


Similar Part No. - 1N4933

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N4933

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA159-E3 VISHAY-BA159-E3 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com