Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KA15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1.5KA15
Description  PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KA15 Datasheet(HTML) 2 Page - Vishay Siliconix

  1.5KA15 Datasheet HTML 1Page - Vishay Siliconix 1.5KA15 Datasheet HTML 2Page - Vishay Siliconix 1.5KA15 Datasheet HTML 3Page - Vishay Siliconix 1.5KA15 Datasheet HTML 4Page - Vishay Siliconix 1.5KA15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.5KA6.8 thru 1.5KA47A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Document Number: 88300
Revision: 09-Feb-11
2
Notes
(1) V
BR measured after IT applied for 300 µs = square wave pulse or equivalent
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN
VOLTAGE
VBR
(1) AT I
T
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
TJ = 150 °C
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
PEAK
PULSE
CURRENT
IPPM
(2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMP.
COEFFICIENT
OF VBR
(%/°C)
MIN.
MAX.
1.5KA6.8
6.12
7.48
10
5.50
1000
10 000
139
10.8
0.057
1.5KA6.8A
6.45
7.14
10
5.80
1000
10 000
143
10.5
0.057
1.5KA7.5
6.75
8.25
10
6.05
500
5000
128
11.7
0.061
1.5KA7.5A
7.13
7.88
10
6.40
500
5000
133
11.3
0.061
1.5KA8.2
7.38
9.02
10
6.63
200
2000
120
12.5
0.065
1.5KA8.2A
7.79
8.61
10
7.02
200
2000
124
12.1
0.065
1.5KA9.1
8.19
10.0
1.0
7.37
50
500
109
13.8
0.068
1.5KA9.1A
8.65
9.55
1.0
7.78
50
500
112
13.4
0.068
1.5KA10
9.00
11.0
1.0
8.10
20
200
100
15.0
0.073
1.5KA10A
9.50
10.5
1.0
8.55
20
200
103
14.5
0.073
1.5KA11
9.90
12.1
1.0
8.92
5.0
50
92.6
16.2
0.075
1.5KA11A
10.5
11.6
1.0
9.40
5.0
50
96.2
15.6
0.076
1.5KA12
10.8
13.2
1.0
9.72
2.0
10
86.7
17.3
0.076
1.5KA12A
11.4
12.6
1.0
10.2
2.0
10
89.8
16.7
0.078
1.5KA13
11.7
14.3
1.0
10.5
2.0
10
78.9
19.0
0.081
1.5KA13A
12.4
13.7
1.0
11.1
2.0
10
82.4
18.2
0.081
1.5KA15
13.5
16.3
1.0
12.1
1.0
10
68.2
22.0
0.084
1.5KA15A
14.3
15.8
1.0
12.8
1.0
10
70.8
21.2
0.084
1.5KA16
14.4
17.6
1.0
12.9
1.0
10
63.8
23.5
0.086
1.5KA16A
15.2
16.8
1.0
13.6
1.0
10
66.7
22.5
0.086
1.5KA18
16.2
19.8
1.0
14.5
1.0
10
56.6
26.5
0.088
1.5KA18A
17.1
18.9
1.0
15.3
1.0
10
59.5
25.2
0.088
1.5KA20
18.0
22.0
1.0
16.2
1.0
10
51.5
29.1
0.090
1.5KA20A
19.0
21.0
1.0
17.1
1.0
10
54.2
27.7
0.090
1.5KA22
19.8
24.2
1.0
17.8
1.0
10
47.0
31.9
0.092
1.5KA22A
20.9
23.1
1.0
18.8
1.0
10
49.0
30.6
0.092
1.5KA24
21.6
26.4
1.0
19.4
1.0
10
43.2
34.7
0.094
1.5KA24A
22.8
25.2
1.0
20.5
1.0
10
45.2
33.2
0.094
1.5KA27
24.3
29.7
1.0
21.8
1.0
10
38.4
39.1
0.096
1.5KA27A
25.7
28.4
1.0
23.1
1.0
10
40.0
37.5
0.096
1.5KA30
27.0
33.0
1.0
24.3
1.0
10
34.5
43.5
0.097
1.5KA30A
28.5
31.5
1.0
25.6
1.0
10
36.2
41.4
0.097
1.5KA33
29.7
36.3
1.0
26.8
1.0
10
31.4
47.7
0.098
1.5KA33A
31.4
34.7
1.0
28.2
1.0
10
32.8
45.7
0.098
1.5KA36
32.4
39.6
1.0
29.1
1.0
10
28.8
52.0
0.099
1.5KA36A
34.2
37.8
1.0
30.8
1.0
10
30.1
49.9
0.099
1.5KA39
35.1
42.9
1.0
31.6
1.0
10
26.6
56.4
0.100
1.5KA39A
37.1
41.0
1.0
33.3
1.0
10
27.8
53.9
0.100
1.5KA43
38.7
47.3
1.0
34.8
1.0
20
24.2
61.9
0.101
1.5KA43A
40.9
45.2
1.0
36.8
1.0
20
25.3
59.3
0.101
1.5KA47
42.3
51.7
1.0
38.1
1.0
20
22.1
67.8
0.101
1.5KA47A
44.7
49.4
1.0
40.2
1.0
20
23.1
64.8
0.101


Similar Part No. - 1.5KA15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA15 VISHAY-1.5KA15 Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
1.5KA15 VISHAY-1.5KA15 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
logo
General Semiconductor
1.5KA15 GE-1.5KA15 Datasheet
56Kb / 4P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5KA15A VISHAY-1.5KA15A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
1.5KA15A VISHAY-1.5KA15A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results

Similar Description - 1.5KA15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8_11 Datasheet
86Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
6KA24 VISHAY-6KA24_11 Datasheet
75Kb / 4P
   PAR Transient Voltage Suppressors
Revision: 08-Feb-11
P4KA6.8 VISHAY-P4KA6.8_11 Datasheet
86Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
TMPG06-43A VISHAY-TMPG06-43A_V01 Datasheet
81Kb / 5P
   PAR® Transient Voltage Suppressors
01-Jan-2022
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com