Electronic Components Datasheet Search |
|
1N5407 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
1N5407 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 4 page www.vishay.com For technical questions within your region, please contact one of the following: Document Number: 88516 2 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com Revision: 04-Nov-09 1N5400 thru 1N5408 Vishay General Semiconductor Note (1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted with 0.8" x 0.8" (20 mm x 20 mm) copper heatsinks RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Forward Current Derating Curve Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL 1N5400 1N5401 1N5402 1N5403 1N5404 1N5405 1N5406 1N5407 1N5408 UNIT Maximum instantaneous forward voltage 3.0 A VF 1.2 V Maximum DC reverse current at rated DC blocking voltage TA = 25 °C IR 5.0 μA TA = 150 °C 500 Typical junction capacitance 4.0 V, 1 MHz CJ 30 pF THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL 1N5400 1N5401 1N5402 1N5403 1N5404 1N5405 1N5406 1N5407 1N5408 UNIT Typical thermal resistance RθJA (1) 20 °C/W ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE 1N5404-E3/54 1.1 54 1400 13" diameter paper tape and reel 1N5404-E3/73 1.1 73 1000 Ammo pack packaging 0 7.0 8.0 60 40 80 100 120 140 160 180 6.0 4.0 5.0 3.0 1.0 2.0 T L = Lead Temp. with Both Leads Heat Sink Mounted with Length (L) as shown Lead Temperature (°C) T A = Ambient Temperature 0.375" (9.5 mm) Lead Length P.C.B. Mounted L = 0.50 " (12.7 mm) L = 0.31 " (7.9 mm) L = 0.25 " (6.4 mm) 60 Hz Resistive or Inductive Load 1000 100 10 1 100 10 Number of Cycles at 60 Hz 1.0 Cycle T L = 105 °C 8.3 ms Single Half Sine-Wave |
Similar Part No. - 1N5407 |
|
Similar Description - 1N5407 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |