Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8ETX06STRLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 8ETX06STRLPBF
Description  Hyperfast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETX06STRLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  8ETX06STRLPBF Datasheet HTML 1Page - Vishay Siliconix 8ETX06STRLPBF Datasheet HTML 2Page - Vishay Siliconix 8ETX06STRLPBF Datasheet HTML 3Page - Vishay Siliconix 8ETX06STRLPBF Datasheet HTML 4Page - Vishay Siliconix 8ETX06STRLPBF Datasheet HTML 5Page - Vishay Siliconix 8ETX06STRLPBF Datasheet HTML 6Page - Vishay Siliconix 8ETX06STRLPBF Datasheet HTML 7Page - Vishay Siliconix 8ETX06STRLPBF Datasheet HTML 8Page - Vishay Siliconix 8ETX06STRLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94033
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 11-Mar-10
1
Hyperfast Rectifier, 8 A FRED Pt®
VS-8ETX06SPbF, VS-8ETX06-1PbF
Vishay High Power Products
FEATURES
• Hyperfast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Halogen-free according to IEC 61249-2-21
definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with
optimized performance of forward voltage drop, hyperfast
recovery time, and soft recovery.
The planar structure and the platinum doped life time control
guarantee the best overall performance, ruggedness and
reliability characteristics.
These devices are intended for use in PFC boost stage in
the ac-to-dc section of SMPS, inverters or as freewheeling
diodes.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr (typical)
15 ns
IF(AV)
8 A
VR
600 V
VS-8ETX06SPbF
Anode
1
3
Base
cathode
2
N/C
D2PAK
VS-8ETX06-1PbF
TO-262
Anode
1
3
2
N/C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 143 °C
8
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
110
Peak repetitive forward current
IFM
18
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 8 A
-
2.3
3.0
IF = 8 A, TJ = 150 °C
-
1.4
1.7
Reverse leakage current
IR
VR = VR rated
-
0.3
50
μA
TJ = 150 °C, VR = VR rated
-
35
500
Junction capacitance
CT
VR = 600 V
-
17
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - 8ETX06STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETX06STRLPBF VISHAY-8ETX06STRLPBF Datasheet
127Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
logo
International Rectifier
8ETX06STRLPBF IRF-8ETX06STRLPBF Datasheet
1Mb / 10P
   Hyperfast Rectifier
More results

Similar Description - 8ETX06STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8STH06FP VISHAY-8STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
8ETX06PBF VISHAY-8ETX06PBF_11 Datasheet
187Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8S2TH06FP VISHAY-8S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
VS-8ETH03SPBF VISHAY-VS-8ETH03SPBF Datasheet
172Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 09-Jul-15
VS-8ETH06HN3 VISHAY-VS-8ETH06HN3 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8EWH06FN-M3 VISHAY-VS-8EWH06FN-M3 Datasheet
161Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 05-Oct-16
VS-8E2TH06-E VISHAY-VS-8E2TH06-E Datasheet
175Kb / 10P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 18-Aug-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com