Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8ETU04-1TRRPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 8ETU04-1TRRPBF
Description  Ultrafast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETU04-1TRRPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  8ETU04-1TRRPBF Datasheet HTML 1Page - Vishay Siliconix 8ETU04-1TRRPBF Datasheet HTML 2Page - Vishay Siliconix 8ETU04-1TRRPBF Datasheet HTML 3Page - Vishay Siliconix 8ETU04-1TRRPBF Datasheet HTML 4Page - Vishay Siliconix 8ETU04-1TRRPBF Datasheet HTML 5Page - Vishay Siliconix 8ETU04-1TRRPBF Datasheet HTML 6Page - Vishay Siliconix 8ETU04-1TRRPBF Datasheet HTML 7Page - Vishay Siliconix 8ETU04-1TRRPBF Datasheet HTML 8Page - Vishay Siliconix 8ETU04-1TRRPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 94031
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 11-Mar-10
3
VS-8ETU04SPbF, VS-8ETU04-1PbF
Ultrafast Rectifier,
8 A FRED Pt®
Vishay High Power Products
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
0
2.5
1.0
1.5
VF - Forward Voltage Drop (V)
100
0.5
2.0
0.1
0.01
0.1
1
10
100
0
100
200
VR - Reverse Voltage (V)
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
0.001
1000
300
0.0001
400
100
1000
0
100
200
300
400
10
VR - Reverse Voltage (V)
T
J = 25 °C
0.01
0.1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
1
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
Single pulse
(thermal resistance)


Similar Part No. - 8ETU04-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETU04-1TRRPBF IRF-8ETU04-1TRRPBF Datasheet
290Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
8ETU04-1TRRPBF VISHAY-8ETU04-1TRRPBF Datasheet
125Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
More results

Similar Description - 8ETU04-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETU04PBF VISHAY-8ETU04PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETU04HN3 VISHAY-VS-8ETU04HN3 Datasheet
155Kb / 7P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 09-Oct-15
MURB820PBF VISHAY-MURB820PBF_10 Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
MUR820PBF VISHAY-MUR820PBF_11 Datasheet
154Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 04-May-11
MURB1520PBF VISHAY-MURB1520PBF_10 Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
VS-8ETU04PBF VISHAY-VS-8ETU04PBF Datasheet
159Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 26-Jun-12
ETL0806-M3 VISHAY-ETL0806-M3 Datasheet
200Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-11
VS-8ETU04SPBF VISHAY-VS-8ETU04SPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8ETU04SHM3 VISHAY-VS-8ETU04SHM3 Datasheet
192Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 25-Aug-15
VS-MURB820PBF VISHAY-VS-MURB820PBF Datasheet
172Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com