Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8EWS08STRLPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 8EWS08STRLPBF
Description  Surface Mountable Input Rectifier Diode, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8EWS08STRLPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  8EWS08STRLPBF Datasheet HTML 1Page - Vishay Siliconix 8EWS08STRLPBF Datasheet HTML 2Page - Vishay Siliconix 8EWS08STRLPBF Datasheet HTML 3Page - Vishay Siliconix 8EWS08STRLPBF Datasheet HTML 4Page - Vishay Siliconix 8EWS08STRLPBF Datasheet HTML 5Page - Vishay Siliconix 8EWS08STRLPBF Datasheet HTML 6Page - Vishay Siliconix 8EWS08STRLPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94349
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 01-Jul-09
3
8EWS..SPbF High Voltage Series
Surface Mountable
Input Rectifier Diode, 8 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
90
80
130
140
150
120
110
100
Average Forward Current (A)
2
10
12
468
0
30°
60°
90°
120°
180°
8EWS. Series
R
thJC (DC) = 2.5 °C/W
90
140
150
130
120
110
100
Average Forward Current (A)
4
26
8
16
18
10
12
14
0
DC
30°
60°
90°
120°
180°
8EWS. Series
R
thJC (DC) = 2.5 °C/W
Ø
Conduction period
8
6
4
2
0
10
12
14
16
Average Forward Current (A)
4
26
8
10
0
RMS limit
180°
120°
90°
60°
30°
8EWS. Series
T
J = 150 °C
Conduction angle
Ø
8
6
4
2
0
10
12
14
16
18
20
Average Forward Current (A)
246
14
16
810
12
0
DC
180°
120°
90°
60°
30°
RMS limit
8EWS. Series
T
J = 150 °C
Ø
Conduction period
80
60
40
140
160
180
200
120
100
Number of Equal Amplitude Half
Cycle Current Pulse (N)
10
100
1
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
8EWS. Series
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
40
80
60
200
220
240
180
160
140
120
100
Pulse Train Duration (s)
0.1
1
0.01
8EWS. Series
versus pulse train duration.
Maximum non-repetitive surge current
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied


Similar Part No. - 8EWS08STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS08STRLPBF IRF-8EWS08STRLPBF Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
More results

Similar Description - 8EWS08STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWS16SPBF VISHAY-8EWS16SPBF Datasheet
155Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3 Datasheet
170Kb / 7P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 19-Jan-17
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3_V01 Datasheet
154Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3_V01 Datasheet
134Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
VS-8EWS12SHM3 VISHAY-VS-8EWS12SHM3 Datasheet
153Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 25-Sep-2019
logo
International Rectifier
8EWS IRF-8EWS Datasheet
199Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
8EWS08S IRF-8EWS08S Datasheet
202Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
20ETS IRF-20ETS Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
VS-8EWS16SLHM3 VISHAY-VS-8EWS16SLHM3 Datasheet
120Kb / 5P
   High Voltage Surface Mount Input Rectifier Diode, 8 A
Revision: 22-Feb-18
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3 Datasheet
123Kb / 5P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 22-Feb-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com