Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10BQ100TRPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 10BQ100TRPBF
Description  Schottky Rectifier, 1 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10BQ100TRPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  10BQ100TRPBF Datasheet HTML 1Page - Vishay Siliconix 10BQ100TRPBF Datasheet HTML 2Page - Vishay Siliconix 10BQ100TRPBF Datasheet HTML 3Page - Vishay Siliconix 10BQ100TRPBF Datasheet HTML 4Page - Vishay Siliconix 10BQ100TRPBF Datasheet HTML 5Page - Vishay Siliconix 10BQ100TRPBF Datasheet HTML 6Page - Vishay Siliconix 10BQ100TRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94114
4
Revision: 03-Mar-10
VS-10BQ100PbF
Vishay High Power Products Schottky Rectifier, 1 A
Fig. 5 - Maximum Average Forward Current vs.
Allowable Lead Temperature
Fig. 6 - Maximum Average Forward Dissipation vs.
Average Forward Current
Fig. 7 - Maximum Peak Surge Forward Current vs. Pulse Duration
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
IF(AV) - Average Forward Current (A)
120
150
180
0
0.4
0.8
1.2
1.6
110
130
140
160
170
See note (1)
Square wave (D = 0.50)
Rated V
R applied
DC
D = 0.20
D = 0.33
D = 0.50
D = 0.75
D = 0.25
IF(AV) - Average Forward Current (A)
0
0.2
0.4
0.6
0.8
0
0.3
0.6
0.9
1.2
1.5
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC
RMS limit
1.0
tp - Square Wave Pulse Duration (µs)
100
1000
10
100
1000
10 000
10
At any rated load condition and
with rated V
RRM applied
following surge


Similar Part No. - 10BQ100TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ100TRPBF IRF-10BQ100TRPBF Datasheet
123Kb / 7P
   SCHOTTKY RECTIFIER 1 Amp
logo
Vishay Siliconix
10BQ100TRPBF VISHAY-10BQ100TRPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 1 A
Revision: 15-Apr-08
More results

Similar Description - 10BQ100TRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR1100 VISHAY-VS-MBR1100 Datasheet
116Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
VS-10BQ100PBF VISHAY-VS-10BQ100PBF Datasheet
113Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 1 A
Revision: 20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
10BQ100M VISHAY-10BQ100M Datasheet
111Kb / 6P
   Schottky Rectifier, 1 A
Revision: 29-May-12
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
10MQ060-M3 VISHAY-10MQ060-M3 Datasheet
116Kb / 6P
   Schottky Rectifier, 1 A
Revision: 22-Aug-11
10MQ040-M3 VISHAY-10MQ040-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 1 A
Revision: 22-Aug-11
10MQ100-M3 VISHAY-10MQ100-M3 Datasheet
122Kb / 6P
   Schottky Rectifier, 1 A
Revision: 10-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com