Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF04STRRPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 10ETF04STRRPBF
Description  Fast Soft Recovery Rectifier Diode, 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETF04STRRPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  10ETF04STRRPBF Datasheet HTML 1Page - Vishay Siliconix 10ETF04STRRPBF Datasheet HTML 2Page - Vishay Siliconix 10ETF04STRRPBF Datasheet HTML 3Page - Vishay Siliconix 10ETF04STRRPBF Datasheet HTML 4Page - Vishay Siliconix 10ETF04STRRPBF Datasheet HTML 5Page - Vishay Siliconix 10ETF04STRRPBF Datasheet HTML 6Page - Vishay Siliconix 10ETF04STRRPBF Datasheet HTML 7Page - Vishay Siliconix 10ETF04STRRPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94091
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 26-Apr-10
1
Fast Soft Recovery Rectifier Diode, 10 A
VS-10ETF..SPbF Soft Recovery Series
Vishay High Power Products
FEATURES
• Meets
MSL
level
1,
per
J-STD-020,
LF
maximum peak of 260 °C
• Compliant to RoHS directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21
definition
• Designed and qualified for industrial level
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input
rectifications
where
severe
restrictions
on
conducted EMI should be met
DESCRIPTION
The VS-10ETF..SPbF fast soft recovery rectifier series has
been optimized for combined short reverse recovery time
and low forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
PRODUCT SUMMARY
VRRM
200 V to 600 V
VF at 10 A
< 1.2 V
trr
50 ns
D2PAK (SMD-220)
Base
common
cathode
+
3
Anode
2
1
Anode --
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
200 to 600
V
IF(AV)
Sinusoidal waveform
10
A
IFSM
150
trr
1 A, 100 A/μs
50
ns
VF
10 A, TJ = 25 °C
1.2
V
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
VS-10ETF02SPbF
200
300
2
VS-10ETF04SPbF
400
500
VS-10ETF06SPbF
600
700
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 128 °C, 180° conduction half sine wave
10
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
150
10 ms sine pulse, no voltage reapplied
160
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
112.5
A2s
10 ms sine pulse, no voltage reapplied
160
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
1125
A2
√s


Similar Part No. - 10ETF04STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF04S IRF-10ETF04S Datasheet
132Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF04S ISC-10ETF04S Datasheet
264Kb / 2P
   Fast Soft Recovery Rectifier Diode
More results

Similar Description - 10ETF04STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF06THM3 VISHAY-VS-10ETF06THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3_V01 Datasheet
232Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF0-M3 VISHAY-VS-10ETF0-M3 Datasheet
256Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3 Datasheet
231Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 15-Sep-17
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3 Datasheet
244Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 27-Mar-2019
10ETF02FPPBF VISHAY-10ETF02FPPBF Datasheet
836Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 28-May-08
VS-10ETF0FPPBF VISHAY-VS-10ETF0FPPBF Datasheet
234Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
10ETFPBF VISHAY-10ETFPBF Datasheet
221Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com