Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF10SPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 10ETF10SPBF
Description  Fast Soft Recovery Rectifier Diode, 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETF10SPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  10ETF10SPBF Datasheet HTML 1Page - Vishay Siliconix 10ETF10SPBF Datasheet HTML 2Page - Vishay Siliconix 10ETF10SPBF Datasheet HTML 3Page - Vishay Siliconix 10ETF10SPBF Datasheet HTML 4Page - Vishay Siliconix 10ETF10SPBF Datasheet HTML 5Page - Vishay Siliconix 10ETF10SPBF Datasheet HTML 6Page - Vishay Siliconix 10ETF10SPBF Datasheet HTML 7Page - Vishay Siliconix 10ETF10SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94094
6
Revision: 26-Apr-10
VS-10ETF..SPbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 10 A
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95046
Part marking information
www.vishay.com/doc?95054
Packaging information
www.vishay.com/doc?95032
10 = 1000 V
12 = 1200 V
2
-
Current rating (10 = 10 A)
3
-
Circuit configuration:
E = Single diode
4
-
Package:
T = D2PAK (TO-220AC)
5
-
Type of silicon:
F = Fast soft recovery rectifier
6
-
Voltage code x 100 = VRRM
7
-
S = Surface mountable
-
PbF = Lead (Pb)-free
8
-
None = Tube
TRR = Tape and reel (right oriented)
TRL = Tape and reel (left oriented)
9
1
-
HPP product suffix
Device code
5
1
3
24
67
8
9
VS-
10
E
T
F
12
S
TRL PbF


Similar Part No. - 10ETF10SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF10S IRF-10ETF10S Datasheet
132Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF10S ISC-10ETF10S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
10ETF10STLR IRF-10ETF10STLR Datasheet
132Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10STRR IRF-10ETF10STRR Datasheet
132Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 10ETF10SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF06THM3 VISHAY-VS-10ETF06THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3_V01 Datasheet
232Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF0-M3 VISHAY-VS-10ETF0-M3 Datasheet
256Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3 Datasheet
231Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 15-Sep-17
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3 Datasheet
244Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 27-Mar-2019
10ETF02FPPBF VISHAY-10ETF02FPPBF Datasheet
836Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 28-May-08
VS-10ETF0FPPBF VISHAY-VS-10ETF0FPPBF Datasheet
234Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
10ETFPBF VISHAY-10ETFPBF Datasheet
221Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com