Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10MQ060-M3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 10MQ060-M3
Description  Schottky Rectifier, 1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10MQ060-M3 Datasheet(HTML) 4 Page - Vishay Siliconix

  10MQ060-M3 Datasheet HTML 1Page - Vishay Siliconix 10MQ060-M3 Datasheet HTML 2Page - Vishay Siliconix 10MQ060-M3 Datasheet HTML 3Page - Vishay Siliconix 10MQ060-M3 Datasheet HTML 4Page - Vishay Siliconix 10MQ060-M3 Datasheet HTML 5Page - Vishay Siliconix 10MQ060-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-10MQ060-M3
www.vishay.com
Vishay Semiconductors
Revision: 22-Aug-11
4
Document Number: 93351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
PREFERRED PACKAGE CODE
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-10MQ060-M3/5AT
5AT
7500
13" diameter plastic tape and reel
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95400
Part marking information
www.vishay.com/doc?95403
Packaging information
www.vishay.com/doc?95404
2
-
Current rating
3
-
M = SMA
4
-
Q = Schottky “Q” series
5
-
Voltage rating (060 = 60 V)
1
-
Vishay Semiconductors product suffix
Device code
5
1
3
2
4
6
VS-
10
M
Q
060
-M3
-
Environmental digit:
-M3 = Halogen-free, RoHS compliant and terminations lead (Pb)-free
6


Similar Part No. - 10MQ060-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10MQ060N IRF-10MQ060N Datasheet
241Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10MQ060N VISHAY-10MQ060N Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
logo
Sangdest Microelectroni...
10MQ060N SMC-10MQ060N Datasheet
181Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
10MQ060N SMCDIODE-10MQ060N Datasheet
289Kb / 4P
   10MQ060N SCHOTTKY RECTIFIER
Rev. A
logo
International Rectifier
10MQ060NPBF IRF-10MQ060NPBF Datasheet
241Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - 10MQ060-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR1100 VISHAY-VS-MBR1100 Datasheet
116Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
VS-10BQ100PBF VISHAY-VS-10BQ100PBF Datasheet
113Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 1 A
Revision: 20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
10BQ100M VISHAY-10BQ100M Datasheet
111Kb / 6P
   Schottky Rectifier, 1 A
Revision: 29-May-12
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
10MQ040-M3 VISHAY-10MQ040-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 1 A
Revision: 22-Aug-11
10MQ100-M3 VISHAY-10MQ100-M3 Datasheet
122Kb / 6P
   Schottky Rectifier, 1 A
Revision: 10-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com