Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETS12STRLPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 10ETS12STRLPBF
Description  Input Rectifier Diode, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETS12STRLPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  10ETS12STRLPBF Datasheet HTML 1Page - Vishay Siliconix 10ETS12STRLPBF Datasheet HTML 2Page - Vishay Siliconix 10ETS12STRLPBF Datasheet HTML 3Page - Vishay Siliconix 10ETS12STRLPBF Datasheet HTML 4Page - Vishay Siliconix 10ETS12STRLPBF Datasheet HTML 5Page - Vishay Siliconix 10ETS12STRLPBF Datasheet HTML 6Page - Vishay Siliconix 10ETS12STRLPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94338
2
Revision: 08-Apr-10
VS-10ETS..SPbF High Voltage Series
Vishay High Power Products Input Rectifier Diode, 10 A
Note
(1) When mounted on 1" square (650 mm2) PCB of FR-4 or G-10 material 4 oz. (140 μm) copper 40 °C/W
For recommended footprint and soldering techniques refer to application note #AN-994
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
10 A, TJ = 25 °C
1.1
V
Forward slope resistance
rt
TJ = 150 °C
20
m
Ω
Threshold voltage
VF(TO)
0.82
V
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VRRM
0.05
mA
TJ = 150 °C
0.50
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
2.5
°C/W
Maximum thermal resistance,
junction to ambient (PCB mount)
RthJA (1)
62
Soldering temperature
TS
240
°C
Approximate weight
2g
0.07
oz.
Marking device
Case style D2PAK (SMD-220)
10ETS08S
10ETS10S
10ETS12S


Similar Part No. - 10ETS12STRLPBF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
10ETS12STRLPBF INTERPOINT-10ETS12STRLPBF Datasheet
175Kb / 7P
   INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
More results

Similar Description - 10ETS12STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETS08PBF VISHAY-10ETS08PBF Datasheet
186Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 22-Jul-10
VS-10ETSFPPBF VISHAY-VS-10ETSFPPBF Datasheet
140Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 18-Jun-13
VS-10ETSPBF VISHAY-VS-10ETSPBF Datasheet
179Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 12-Feb-16
VS-10ETS0810FP-M3 VISHAY-VS-10ETS0810FP-M3 Datasheet
149Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 15-Sep-17
VS-10ETS08-M3 VISHAY-VS-10ETS08-M3 Datasheet
169Kb / 6P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 23-Nov-17
VS-10ETSPBF VISHAY-VS-10ETSPBF_V01 Datasheet
152Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
08-Feb-17
VS-10ETS12THM3 VISHAY-VS-10ETS12THM3 Datasheet
174Kb / 6P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 27-Mar-2019
VS-10ETS08FP-M3 VISHAY-VS-10ETS08FP-M3_V01 Datasheet
150Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
01-Jan-2022
VS-10ETS12THM3 VISHAY-VS-10ETS12THM3_V01 Datasheet
171Kb / 6P
   High Voltage, Input Rectifier Diode, 10 A
01-Jan-2022
VS-10ETS-M3 VISHAY-VS-10ETS-M3 Datasheet
181Kb / 6P
   High Voltage, Input Rectifier Diode, 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com