Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10TTS08STRLPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 10TTS08STRLPBF
Description  Surface Mountable Phase Control SCR, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10TTS08STRLPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  10TTS08STRLPBF Datasheet HTML 1Page - Vishay Siliconix 10TTS08STRLPBF Datasheet HTML 2Page - Vishay Siliconix 10TTS08STRLPBF Datasheet HTML 3Page - Vishay Siliconix 10TTS08STRLPBF Datasheet HTML 4Page - Vishay Siliconix 10TTS08STRLPBF Datasheet HTML 5Page - Vishay Siliconix 10TTS08STRLPBF Datasheet HTML 6Page - Vishay Siliconix 10TTS08STRLPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94562
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 08-Jun-10
VS-10TTS08SPbF High Voltage Series
Vishay Semiconductors
Surface Mountable
Phase Control SCR, 10 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
IT(AV)
TC = 112 °C, 180° conduction half sine wave
6.5
A
Maximum RMS on-state current
IT(RMS)
10
Maximum peak, one-cycle,
non-repetitive surge current
ITSM
10 ms sine pulse, rated VRRM applied, TJ = 125 °C
120
10 ms sine pulse, no voltage reapplied, TJ = 125 °C
140
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied, TJ = 125 °C
72
A2s
10 ms sine pulse, no voltage reapplied, TJ = 125 °C
100
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied, TJ = 125 °C
1000
A2
√s
Maximum on-state voltage drop
VTM
6.5 A, TJ = 25 °C
1.15
V
On-state slope resistance
rt
TJ = 125 °C
17.3
m
Ω
Threshold voltage
VT(TO)
0.85
V
Maximum reverse and direct leakage current
IRM/IDM
TJ = 25 °C
VR = Rated VRRM/VDRM
0.05
mA
TJ = 125 °C
1.0
Typical holding current
IH
Anode supply = 6 V, resistive load, initial IT = 1 A
30
Maximum latching current
IL
Anode supply = 6 V, resistive load
50
Maximum rate of rise of off-state voltage
dV/dt
TJ = 25 °C
150
V/μs
Maximum rate of rise of turned-on current
dI/dt
100
A/μs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
8.0
W
Maximum average gate power
PG(AV)
2.0
Maximum peak positive gate current
+IGM
1.5
A
Maximum peak negative gate voltage
-VGM
10
V
Maximum required DC gate current to trigger
IGT
Anode supply = 6 V, resistive load, TJ = - 65 °C
20
mA
Anode supply = 6 V, resistive load, TJ = 25 °C
15
Anode supply = 6 V, resistive load, TJ = 125 °C
10
Maximum required DC gate
voltage to trigger
VGT
Anode supply = 6 V, resistive load, TJ = - 65 °C
1.2
V
Anode supply = 6 V, resistive load, TJ = 25 °C
1
Anode supply = 6 V, resistive load, TJ = 125 °C
0.7
Maximum DC gate voltage not to trigger
VGD
TJ = 125 °C, VDRM = Rated value
0.2
Maximum DC gate current not to trigger
IGD
0.1
mA
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical turn-on time
tgt
TJ = 25 °C
0.8
μs
Typical reverse recovery time
trr
TJ = 125 °C
3
Typical turn-off time
tq
100


Similar Part No. - 10TTS08STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08STRLPBF VISHAY-10TTS08STRLPBF Datasheet
124Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 24-Apr-08
More results

Similar Description - 10TTS08STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
18-Jul-08
10TTS08S VISHAY-10TTS08S Datasheet
121Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 19-Jun-08
10TTS08SPBF VISHAY-10TTS08SPBF Datasheet
124Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 24-Apr-08
16TTS08SPBF VISHAY-16TTS08SPBF_10 Datasheet
627Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 08-Jun-10
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 16-Jul-10
16TTS16SPBF VISHAY-16TTS16SPBF Datasheet
141Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
25TTSS VISHAY-25TTSS Datasheet
146Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 20-Jun-08
logo
International Rectifier
25TTS IRF-25TTS Datasheet
313Kb / 7P
   SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS08S VISHAY-16TTS08S Datasheet
142Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
25TTSSPBF VISHAY-25TTSSPBF Datasheet
150Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 06-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com