Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12CWQ04FNTRPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 12CWQ04FNTRPBF
Description  Schottky Rectifier, 2 x 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12CWQ04FNTRPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  12CWQ04FNTRPBF Datasheet HTML 1Page - Vishay Siliconix 12CWQ04FNTRPBF Datasheet HTML 2Page - Vishay Siliconix 12CWQ04FNTRPBF Datasheet HTML 3Page - Vishay Siliconix 12CWQ04FNTRPBF Datasheet HTML 4Page - Vishay Siliconix 12CWQ04FNTRPBF Datasheet HTML 5Page - Vishay Siliconix 12CWQ04FNTRPBF Datasheet HTML 6Page - Vishay Siliconix 12CWQ04FNTRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95016
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 04-Nov-08
For technical questions concerning module products, contact: ind-modules@vishay.com
1
D-PAK (TO-252AA)
Outline Dimensions
Vishay High Power Products
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension uncontrolled in L5
(3) Dimension D1, E1, L3 and b3 establish a minimum mounting surface for thermal pad
(4) Section C - C dimension apply to the flat section of the lead between 0.13 and 0.25 mm (0.005 and 0.10") from the lead tip
(5) Dimension D, and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(6) Dimension b1 and c1 applied to base metal only
(7) Datum A and B to be determined at datum plane H
(8) Outline conforms to JEDEC outline TO-252AA
DIMENSIONS in millimeters and inches
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.39
0.086
0.094
e
2.29 BSC
0.090 BSC
A1
-
0.13
-
0.005
H
9.40
10.41
0.370
0.410
b
0.64
0.89
0.025
0.035
L
1.40
1.78
0.055
0.070
b2
0.76
1.14
0.030
0.045
L1
2.74 BSC
0.108 REF.
b3
4.95
5.46
0.195
0.215
3
L2
0.51 BSC
0.020 BSC
c
0.46
0.61
0.018
0.024
L3
0.89
1.27
0.035
0.050
3
c2
0.46
0.89
0.018
0.035
L4
-
1.02
-
0.040
D
5.97
6.22
0.235
0.245
5
L5
1.14
1.52
0.045
0.060
2
D1
5.21
-
0.205
-
3
Ø
10°
10°
E
6.35
6.73
0.250
0.265
5
Ø1
15°
15°
E1
4.32
-
0.170
-
3
Ø2
25°
35°
25°
35°
Ø 1
E
(5)
b3
(3)
0.010
CA B
L3 (3)
B
A
C
H
C
L2
D (5)
L4
b
2x e
b2
(2) L5
1
2
3
4
Ø 2
A
c2
A
A
H
Seating
plane
c
Detail “C”
(7)
Seating
plane
A1
Detail “C”
Rotated 90 °CW
Scale: 20:1
(L1)
C
C
L
Ø
Gauge
plane
Lead tip
M
0.010
CA B
M
32
4
1
E1
D1
MIN.
0.265
(6.74)
MIN.
0.245
(6.23)
MIN.
0.089
(2.28)
MIN.
0.06
(1.524)
0.488 (12.40)
0.409 (10.40)
0.093 (2.38)
0.085 (2.18)
Pad layout


Similar Part No. - 12CWQ04FNTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CWQ04FNTR IRF-12CWQ04FNTR Datasheet
216Kb / 8P
   12 Amp
logo
Vishay Siliconix
12CWQ04FNTR-M3 VISHAY-12CWQ04FNTR-M3 Datasheet
144Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 03-Nov-10
12CWQ04FNTRL-M3 VISHAY-12CWQ04FNTRL-M3 Datasheet
144Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 03-Nov-10
12CWQ04FNTRR-M3 VISHAY-12CWQ04FNTRR-M3 Datasheet
144Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 03-Nov-10
More results

Similar Description - 12CWQ04FNTRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-12CWQ10FNTRPBF VISHAY-VS-12CWQ10FNTRPBF Datasheet
148Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ10FNPBF VISHAY-VS-12CWQ10FNPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FNPBF VISHAY-VS-12CWQ04FNPBF_15 Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FNHM3 VISHAY-VS-12CWQ04FNHM3_15 Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 21-Aug-13
12CTQ VISHAY-12CTQ Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 06-Oct-08
12CWQ03FNPBF VISHAY-12CWQ03FNPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
12CWQ10FNPBF VISHAY-12CWQ10FNPBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ06FNPBF VISHAY-VS-12CWQ06FNPBF Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ03FNPBF VISHAY-VS-12CWQ03FNPBF_15 Datasheet
139Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FN-M3 VISHAY-VS-12CWQ04FN-M3_15 Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 03-Nov-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com