Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETL06SPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 15ETL06SPBF
Description  Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETL06SPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  15ETL06SPBF_10 Datasheet HTML 1Page - Vishay Siliconix 15ETL06SPBF_10 Datasheet HTML 2Page - Vishay Siliconix 15ETL06SPBF_10 Datasheet HTML 3Page - Vishay Siliconix 15ETL06SPBF_10 Datasheet HTML 4Page - Vishay Siliconix 15ETL06SPBF_10 Datasheet HTML 5Page - Vishay Siliconix 15ETL06SPBF_10 Datasheet HTML 6Page - Vishay Siliconix 15ETL06SPBF_10 Datasheet HTML 7Page - Vishay Siliconix 15ETL06SPBF_10 Datasheet HTML 8Page - Vishay Siliconix 15ETL06SPBF_10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94005
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Jun-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Ultralow VF Hyperfast Rectifier for
Discontinuous Mode PFC, 15 A FRED Pt®
VS-15ETL06SPbF, VS-15ETL06-1PbF
Vishay Semiconductors
FEATURES
• Benchmark ultralow forward voltage drop
• Hyperfast recovery time
• Low leakage current
• 175 °C operating junction temperature
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Halogen-free according to IEC 61249-2-21
definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION
State of the art, ultralow VF, soft-switching hyperfast
rectifiers optimized for Discontinuous (Critical) Mode (DCM)
Power Factor Correction (PFC).
The minimized conduction loss, optimized stored charge
and low recovery current minimize the switching losses and
reduce over dissipation in the switching element and
snubbers.
The device is also intended for use as a freewheeling diode
in power supplies and other power switching applications.
APPLICATIONS
AC/DC SMPS 70 W to 400 W
e.g. laptop and printer AC adaptors, desktop PC, TV and
monitor, games units and DVD ac-to-dc power supplies.
PRODUCT SUMMARY
Package
TO-263AB (D2PAK), TO-262AA
IF(AV)
15 A
VR
600 V
VF at IF
1.05 V
trr (typ.)
60 ns
TJ max.
175 °C
Diode variation
Single die
D2PAK
TO-262
VS-15ETL06SPbFVS-15ETL06-1PbF
Anode
1
3
Base
cathode
2
N/C
Anode
1
3
2
N/C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 154 °C
15
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
250
Peak repetitive forward current
IFM
30
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 15 A
-
0.99
1.05
IF = 15 A, TJ = 150 °C
-
0.85
0.92
Reverse leakage current
IR
VR = VR rated
-
0.1
10
μA
TJ = 150 °C, VR = VR rated
-
15
120
Junction capacitance
CT
VR = 600 V
-
20
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - 15ETL06SPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETL06SPBF VISHAY-15ETL06SPBF Datasheet
134Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 21-May-08
More results

Similar Description - 15ETL06SPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETL06PBF VISHAY-15ETL06PBF_11 Datasheet
184Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 31-Mar-11
VS-15ETL06HN3 VISHAY-VS-15ETL06HN3 Datasheet
167Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 20-Oct-16
15ETL06PBF VISHAY-15ETL06PBF_12 Datasheet
190Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 02-Jan-12
VS-15ETL06PBF VISHAY-VS-15ETL06PBF Datasheet
196Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 02-Jan-12
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
8ETL06SPBF VISHAY-8ETL06SPBF_10 Datasheet
177Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 11-Mar-10
VS-15ETL06S-M3 VISHAY-VS-15ETL06S-M3 Datasheet
217Kb / 8P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 24-Oct-17
VS-15ETL06-M3 VISHAY-VS-15ETL06-M3 Datasheet
146Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 23-Nov-17
15ETL06 VISHAY-15ETL06 Datasheet
116Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 20-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com