Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15TQ060 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 15TQ060
Description  Schottky Rectifier, 15 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15TQ060 Datasheet(HTML) 4 Page - Vishay Siliconix

  15TQ060 Datasheet HTML 1Page - Vishay Siliconix 15TQ060 Datasheet HTML 2Page - Vishay Siliconix 15TQ060 Datasheet HTML 3Page - Vishay Siliconix 15TQ060 Datasheet HTML 4Page - Vishay Siliconix 15TQ060 Datasheet HTML 5Page - Vishay Siliconix 15TQ060 Datasheet HTML 6Page - Vishay Siliconix 15TQ060 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94142
4
Revision: 17-Apr-08
15TQ060PbF
Vishay High Power Products
Schottky Rectifier, 15 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
IF(AV) - Average Forward Current (A)
025
10
80
90
110
130
150
515
20
120
140
DC
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
0
4
10
14
IF(AV) - Average Forward Current (A)
0
822
12
6
2
6
4
2
10
8
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
12 14 16 18 20
tp - Square Wave Pulse Duration (µs)
100
1000
10
100
1000
10 000
At any rated load condition
and with rated V
applied
following surge
RRM
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 15TQ060

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15TQ060 IRF-15TQ060 Datasheet
155Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
15TQ060 VISHAY-15TQ060 Datasheet
113Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
logo
Inchange Semiconductor ...
15TQ060 ISC-15TQ060 Datasheet
265Kb / 2P
   Schottky Rectifier
logo
International Rectifier
15TQ060PBF IRF-15TQ060PBF Datasheet
186Kb / 6P
   SCHOTTKY RECTIFIER
15TQ060S IRF-15TQ060S Datasheet
155Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - 15TQ060

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15TQ060SPBF VISHAY-VS-15TQ060SPBF Datasheet
148Kb / 8P
   Schottky Rectifier, 15 A
Revision: 12-Mar-10
12TQPBF VISHAY-12TQPBF Datasheet
121Kb / 6P
   Schottky Rectifier, 15 A
Revision: 05-Jun-08
12TQS VISHAY-12TQS Datasheet
114Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
15TQ060 VISHAY-15TQ060 Datasheet
113Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
VS-12TQPBF VISHAY-VS-12TQPBF_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 15 A
08-Feb-17
VS-12TQPBF VISHAY-VS-12TQPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 15 A
Revision: 25-Aug-11
15TQ060S VISHAY-15TQ060S Datasheet
106Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
12TQ035SPBF VISHAY-12TQ035SPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 15 A
Revision: 12-Mar-10
VS-12TQ035SPBF VISHAY-VS-12TQ035SPBF Datasheet
158Kb / 8P
   Schottky Rectifier, 15 A
Revision: 12-Mar-10
12TQSPBF VISHAY-12TQSPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 15 A
Revision: 26-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com