Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CTU04-1PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 16CTU04-1PBF
Description  Ultrafast Rectifier, 2 x 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16CTU04-1PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  16CTU04-1PBF Datasheet HTML 1Page - Vishay Siliconix 16CTU04-1PBF Datasheet HTML 2Page - Vishay Siliconix 16CTU04-1PBF Datasheet HTML 3Page - Vishay Siliconix 16CTU04-1PBF Datasheet HTML 4Page - Vishay Siliconix 16CTU04-1PBF Datasheet HTML 5Page - Vishay Siliconix 16CTU04-1PBF Datasheet HTML 6Page - Vishay Siliconix 16CTU04-1PBF Datasheet HTML 7Page - Vishay Siliconix 16CTU04-1PBF Datasheet HTML 8Page - Vishay Siliconix 16CTU04-1PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94009
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 11-Mar-10
1
Ultrafast Rectifier, 2 x 8 A FRED Pt®
VS-16CTU04SPbF, VS-16CTU04-1PbF
Vishay High Power Products
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Halogen-free according to IEC 61249-2-21
definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION/APPLICATIONS
Vishay HPP’s FRED Pt® series are the state of the art
ultrafast recovery rectifiers specifically designed with
optimized performance of forward voltage drop and ultrafast
recovery time.
The planar structure and the platinum doped life time
control,
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, UPS, dc-to-dc converters as well as
freewheeling diode in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr
60 ns
IF(AV)
2 x 8 A
VR
400 V
VS-16CTU04SPbF
D2PAK
VS-16CTU04-1PbF
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Common
Cathode
Anode
Anode
1
3
2
Base
Common
Cathode
2
Common
Cathode
Anode
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
400
V
Average rectified forward current
per leg
IF(AV)
8
A
total device
Rated VR, TC = 155 °C
16
Non-repetitive peak surge current
IFSM
TC = 25 °C
100
Peak repetitive forward current
IFRM
Rated VR, square wave, 20 kHz, TC = 155 °C
16
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS PER LEG (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
400
-
-
V
Forward voltage
VF
IF = 8 A
-
1.19
1.3
IF = 8 A, TJ = 150 °C
-
0.94
1.0
Reverse leakage current
IR
VR = VR rated
-
0.2
10
μA
TJ = 150 °C, VR = VR rated
-
20
500
Junction capacitance
CT
VR = 400 V
-
14
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - 16CTU04-1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04-1PBF IRF-16CTU04-1PBF Datasheet
290Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
16CTU04-1PBF VISHAY-16CTU04-1PBF Datasheet
576Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
More results

Similar Description - 16CTU04-1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16CTU04 VISHAY-VS-16CTU04 Datasheet
176Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
MUR1620CTPBF VISHAY-MUR1620CTPBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 28-Apr-11
MURB1620CTPBF VISHAY-MURB1620CTPBF_10 Datasheet
166Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
VS-MURB1620CTHM3 VISHAY-VS-MURB1620CTHM3 Datasheet
188Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 10-Jul-15
VS-16CDU06-M3 VISHAY-VS-16CDU06-M3_V01 Datasheet
156Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
VS-MUR1620CTPBF VISHAY-VS-MUR1620CTPBF Datasheet
161Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 11-Aug-11
VS-MURB1620CTPBF VISHAY-VS-MURB1620CTPBF Datasheet
168Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 11-Mar-10
VS-16CDU06HM3 VISHAY-VS-16CDU06HM3_V01 Datasheet
158Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
60CPU04-F3 VISHAY-60CPU04-F3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt
Revision: 17-Sep-10
VS-MURB2020CTTRLP VISHAY-VS-MURB2020CTTRLP Datasheet
173Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com