Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6253 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6253
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6253 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6253 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6253 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6253 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6253
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A ;IB=0
45
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A ;IB=0.3A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=15A ;IB=5A
4.0
V
VBE
Base-emitter on voltage
IC=3A ; VCE=4V
1.7
V
ICEO
Collector cut-off current
VCE=25V; IB=0
1.5
mA
ICEX
Collector cut-off current
VCE=55V; VBE=-1.5V
VCE=50V; VBE=-1.5V TC=150℃
2.0
10.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
mA
hFE-1
DC current gain
IC=3A ; VCE=4V
20
70
hFE-2
DC current gain
IC=15A ; VCE=4V
3


Similar Part No. - 2N6253

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6253 SEME-LAB-2N6253 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Central Semiconductor C...
2N6253 CENTRAL-2N6253 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
logo
List of Unclassifed Man...
2N6253 ETC1-2N6253 Datasheet
40Kb / 1P
   TO-3 Power Package Transistors (NPN)
logo
Savantic, Inc.
2N6253 SAVANTIC-2N6253 Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6253 JMNIC-2N6253 Datasheet
106Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N6253

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com