Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16TTS08SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 16TTS08SPBF
Description  Surface Mountable Phase Control SCR, 16 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16TTS08SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  16TTS08SPBF Datasheet HTML 1Page - Vishay Siliconix 16TTS08SPBF Datasheet HTML 2Page - Vishay Siliconix 16TTS08SPBF Datasheet HTML 3Page - Vishay Siliconix 16TTS08SPBF Datasheet HTML 4Page - Vishay Siliconix 16TTS08SPBF Datasheet HTML 5Page - Vishay Siliconix 16TTS08SPBF Datasheet HTML 6Page - Vishay Siliconix 16TTS08SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94589
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 08-Jun-10
VS-16TTS..SPbF High Voltage Series
Vishay Semiconductors
Surface Mountable
Phase Control SCR, 16 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP. MAX.
Maximum average on-state current
IT(AV)
TC = 98 °C, 180° conduction, half sine wave
10
A
Maximum RMS on-state current
IRMS
16
Maximum peak, one-cycle,
non-repetitive surge current
ITSM
10 ms sine pulse, rated VRRM applied
170
10 ms sine pulse, no voltage reapplied
200
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
144
A2s
10 ms sine pulse, no voltage reapplied
200
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
2000
A2
√s
Maximum on-state voltage drop
VTM
10 A, TJ = 25 °C
1.4
V
On-state slope resistance
rt
TJ = 125 °C
24.0
m
Ω
Threshold voltage
VT(TO)
1.1
V
Maximum reverse and direct leakage current
IRM/IDM
TJ = 25 °C
VR = Rated VRRM/VDRM
0.5
mA
TJ = 125 °C
10
Holding current
IH
Anode supply = 6 V, resistive load, initial IT = 1 A
-
100
Maximum latching current
IL
Anode supply = 6 V, resistive load
200
Maximum rate of rise of off-state voltage
dV/dt
500
V/μs
Maximum rate of rise of turned-on current
dI/dt
150
A/μs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
8.0
W
Maximum average gate power
PG(AV)
2.0
Maximum peak positive gate current
+ IGM
1.5
A
Maximum peak negative gate voltage
- VGM
10
V
Maximum required DC gate current to trigger
IGT
Anode supply = 6 V, resistive load, TJ = - 10 °C
90
mA
Anode supply = 6 V, resistive load, TJ = 25 °C
60
Anode supply = 6 V, resistive load, TJ = 125 °C
35
Maximum required DC gate voltage to trigger
VGT
Anode supply = 6 V, resistive load, TJ = - 10 °C
3.0
V
Anode supply = 6 V, resistive load, TJ = 25 °C
2.0
Anode supply = 6 V, resistive load, TJ = 125 °C
1.0
Maximum DC gate voltage not to trigger
VGD
TJ = 125 °C, VDRM = Rated value
0.25
Maximum DC gate current not to trigger
IGD
2.0
mA
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical turn-on time
tgt
TJ = 25 °C
0.9
μs
Typical reverse recovery time
trr
TJ = 125 °C
4
Typical turn-off time
tq
110


Similar Part No. - 16TTS08SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS08SPBF VISHAY-16TTS08SPBF Datasheet
142Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 02-Jul-08
More results

Similar Description - 16TTS08SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 16-Jul-10
16TTS16SPBF VISHAY-16TTS16SPBF Datasheet
141Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
25TTSS VISHAY-25TTSS Datasheet
146Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 20-Jun-08
16TTS08S VISHAY-16TTS08S Datasheet
142Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
25TTSSPBF VISHAY-25TTSSPBF Datasheet
150Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 06-Aug-08
25TTS08SPBF VISHAY-25TTS08SPBF Datasheet
612Kb / 8P
   Surface Mountable Phase Control SCR, 16 A
Revision: 09-Jun-10
16TTS08SPBF VISHAY-16TTS08SPBF Datasheet
142Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 02-Jul-08
16TTSS VISHAY-16TTSS Datasheet
121Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
18-Jul-08
logo
International Rectifier
25TTS IRF-25TTS Datasheet
313Kb / 7P
   SURFACE MOUNTABLE PHASE CONTROL SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com