Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18TQ040STRLPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 18TQ040STRLPBF
Description  Schottky Rectifier, 18 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

18TQ040STRLPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  18TQ040STRLPBF Datasheet HTML 1Page - Vishay Siliconix 18TQ040STRLPBF Datasheet HTML 2Page - Vishay Siliconix 18TQ040STRLPBF Datasheet HTML 3Page - Vishay Siliconix 18TQ040STRLPBF Datasheet HTML 4Page - Vishay Siliconix 18TQ040STRLPBF Datasheet HTML 5Page - Vishay Siliconix 18TQ040STRLPBF Datasheet HTML 6Page - Vishay Siliconix 18TQ040STRLPBF Datasheet HTML 7Page - Vishay Siliconix 18TQ040STRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 95014
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 31-Mar-09
For technical questions concerning module products, contact: ind-modules@vishay.com
1
D2PAK, TO-262
Outline Dimensions
Vishay High Power Products
DIMENSIONS FOR D2PAK in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5 M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Datum A and B to be determined at datum plane H
(6) Controlling dimension: inch
(7) Outline conforms to JEDEC outline TO-263AB
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
8.00
0.270
0.315
3
A1
0.00
0.254
0.000
0.010
E
9.65
10.67
0.380
0.420
2, 3
b
0.51
0.99
0.020
0.039
E1
7.90
8.80
0.311
0.346
3
b1
0.51
0.89
0.020
0.035
4
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
4
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
3
c1
0.38
0.58
0.015
0.023
4
L2
1.27
1.78
0.050
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.51
9.65
0.335
0.380
2
L4
4.78
5.28
0.188
0.208
c
B
Detail A
c2
A
A
A
± 0.004
B
M
A
Lead tip
(3)
(3)
View A - A
(E)
(D1)
E1
B
H
A1
Detail “A”
Rotated 90 °CW
Scale: 8:1
L
Gauge
plane
0° to 8°
L3
L4
Seating
plane
Section B - B and C - C
Scale: None
(4)
(4)
(b, b2)
b1, b3
(c)
c1
Base
Metal
Plating
Conforms to JEDEC outline D2PAK (SMD-220)
13
2
D
C
A
L2
E
(2)(3)
(2)
4
H
BB
2 x b
2 x b2
L1
0.010
A
B
MM
(3)
e
2 x
Pad layout
MIN.
11.00
(0.43)
MIN.
9.65
(0.38)
MIN.
3.81
(0.15)
MIN.
2.32
(0.08)
17.90 (0.70)
15.00 (0.625)
2.64 (0.103)
2.41 (0.096)
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - 18TQ040STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TQ040STRLPBF VISHAY-18TQ040STRLPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 18 A
Revision: 26-May-08
More results

Similar Description - 18TQ040STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TQPBF VISHAY-18TQPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 18 A
Revision: 16-Apr-08
18TQ VISHAY-18TQ Datasheet
109Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
18TQ050PBF VISHAY-18TQ050PBF Datasheet
164Kb / 7P
   Schottky Rectifier, 18 A
Revision: 10-Nov-09
VS-18TQ0PBF VISHAY-VS-18TQ0PBF Datasheet
179Kb / 7P
   Schottky Rectifier, 18 A
Revision: 11-Oct-12
18TQSPBF VISHAY-18TQSPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 18 A
Revision: 26-May-08
18TQS VISHAY-18TQS Datasheet
114Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
VS-18TQ035SPBF VISHAY-VS-18TQ035SPBF Datasheet
158Kb / 8P
   Schottky Rectifier, 18 A
Revision: 12-Mar-10
VS-18TQ035-M3 VISHAY-VS-18TQ035-M3 Datasheet
165Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 23-Nov-17
VS-18TQ0HN3 VISHAY-VS-18TQ0HN3 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 05-Mar-14
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3 Datasheet
192Kb / 8P
   High Performance Schottky Rectifier, 18 A
Revision: 25-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com