Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18TQ045STRRPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 18TQ045STRRPBF
Description  Schottky Rectifier, 18 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

18TQ045STRRPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  18TQ045STRRPBF Datasheet HTML 1Page - Vishay Siliconix 18TQ045STRRPBF Datasheet HTML 2Page - Vishay Siliconix 18TQ045STRRPBF Datasheet HTML 3Page - Vishay Siliconix 18TQ045STRRPBF Datasheet HTML 4Page - Vishay Siliconix 18TQ045STRRPBF Datasheet HTML 5Page - Vishay Siliconix 18TQ045STRRPBF Datasheet HTML 6Page - Vishay Siliconix 18TQ045STRRPBF Datasheet HTML 7Page - Vishay Siliconix 18TQ045STRRPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94150
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 12-Mar-10
5
VS-18TQ035SPbF, VS-18TQ040SPbF, VS-18TQ045SPbF
Schottky Rectifier, 18 A Vishay High Power Products
ORDERING INFORMATION TABLE
035 = 35 V
040 = 40 V
045 = 45 V
2
-
Current rating (18 A)
3
-
Circuit configuration: T = TO-220
4
-
Schottky “Q” series
5
-
Voltage ratings
-
S = D2PAK
6
7
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
-
PbF = Lead (Pb)-free
8
1
-
HPP product suffix
Device code
5
1
3
24
67
8
VS-
18
T
Q
045
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032
SPICE model
www.vishay.com/doc?95280


Similar Part No. - 18TQ045STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TQ045STRRPBF VISHAY-18TQ045STRRPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 18 A
Revision: 26-May-08
More results

Similar Description - 18TQ045STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TQPBF VISHAY-18TQPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 18 A
Revision: 16-Apr-08
18TQ VISHAY-18TQ Datasheet
109Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
18TQ050PBF VISHAY-18TQ050PBF Datasheet
164Kb / 7P
   Schottky Rectifier, 18 A
Revision: 10-Nov-09
VS-18TQ0PBF VISHAY-VS-18TQ0PBF Datasheet
179Kb / 7P
   Schottky Rectifier, 18 A
Revision: 11-Oct-12
18TQSPBF VISHAY-18TQSPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 18 A
Revision: 26-May-08
18TQS VISHAY-18TQS Datasheet
114Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
VS-18TQ035SPBF VISHAY-VS-18TQ035SPBF Datasheet
158Kb / 8P
   Schottky Rectifier, 18 A
Revision: 12-Mar-10
VS-18TQ035-M3 VISHAY-VS-18TQ035-M3 Datasheet
165Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 23-Nov-17
VS-18TQ0HN3 VISHAY-VS-18TQ0HN3 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 05-Mar-14
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3 Datasheet
192Kb / 8P
   High Performance Schottky Rectifier, 18 A
Revision: 25-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com