Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTH03PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 20CTH03PBF
Description  Hyperfast Rectifier, 2 x 10 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CTH03PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  20CTH03PBF_11 Datasheet HTML 1Page - Vishay Siliconix 20CTH03PBF_11 Datasheet HTML 2Page - Vishay Siliconix 20CTH03PBF_11 Datasheet HTML 3Page - Vishay Siliconix 20CTH03PBF_11 Datasheet HTML 4Page - Vishay Siliconix 20CTH03PBF_11 Datasheet HTML 5Page - Vishay Siliconix 20CTH03PBF_11 Datasheet HTML 6Page - Vishay Siliconix 20CTH03PBF_11 Datasheet HTML 7Page - Vishay Siliconix 20CTH03PBF_11 Datasheet HTML 8Page - Vishay Siliconix 20CTH03PBF_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 20-Jul-11
1
Document Number: 95072
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
5° ± 0.5°
5° ± 0.5°
0.9
0.7
1.15
1.05
2.54 TYP.
2.54 TYP.
2.8
2.6
1.4
1.3
TYP.
10°
16.4
15.4
16.0
15.8
13.56
13.05
0.61
0.38
2.85
2.65
3.7
3.2
4.8
4.6
3.3
3.1
7.31
6.91
10.6
10.4
Hole Ø
3.4
3.1
(2 places)
R 0.7
R 0.5
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode
Conforms to JEDEC outline TO-220 FULL-PAK


Similar Part No. - 20CTH03PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03PBF VISHAY-20CTH03PBF_12 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 02-Jan-12
More results

Similar Description - 20CTH03PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
VS-20CTH03 VISHAY-VS-20CTH03 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
30CTH02PBF VISHAY-30CTH02PBF_11 Datasheet
188Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
20CTH03PBF VISHAY-20CTH03PBF_12 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 02-Jan-12
VS-20CTH03PBF VISHAY-VS-20CTH03PBF Datasheet
210Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 13-May-16
VS-20CDH02-M3 VISHAY-VS-20CDH02-M3_V01 Datasheet
154Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CTH03-M3 VISHAY-VS-20CTH03-M3_V01 Datasheet
161Kb / 6P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CDH02HM3 VISHAY-VS-20CDH02HM3_V01 Datasheet
157Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CTH03SHM3 VISHAY-VS-20CTH03SHM3 Datasheet
209Kb / 8P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 09-Jun-16
VS-20CTH03SHM3 VISHAY-VS-20CTH03SHM3_V01 Datasheet
224Kb / 8P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com