Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTH03FPPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20CTH03FPPBF
Description  Hyperfast Rectifier, 2 x 10 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CTH03FPPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  20CTH03FPPBF Datasheet HTML 1Page - Vishay Siliconix 20CTH03FPPBF Datasheet HTML 2Page - Vishay Siliconix 20CTH03FPPBF Datasheet HTML 3Page - Vishay Siliconix 20CTH03FPPBF Datasheet HTML 4Page - Vishay Siliconix 20CTH03FPPBF Datasheet HTML 5Page - Vishay Siliconix 20CTH03FPPBF Datasheet HTML 6Page - Vishay Siliconix 20CTH03FPPBF Datasheet HTML 7Page - Vishay Siliconix 20CTH03FPPBF Datasheet HTML 8Page - Vishay Siliconix 20CTH03FPPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94010
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 28-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hyperfast Rectifier, 2 x 10 A FRED Pt®
VS-20CTH03PbF, VS-20CTH03FPPbF
Vishay Semiconductors
FEATURES
• Hyperfast recovery time
• Low forward voltage drop
• 175 °C operating junction temperature
• Low leakage current
• Fully isolated package (VINS = 2500 VRMS)
• UL E78996 pending
• Compliant to RoHS Directive 2002/95/EC
• AEC-Q101 qualified (TO-220)
• Designed and qualified for industrial level (TO-220FP)
DESCRIPTION/APPLICATIONS
300 V series are the state of the art hyperfast recovery
rectifiers designed with optimized performance of forward
voltage drop and hyperfast recovery time.
The planar structure and the platinum doped life time
control,
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, UPS, DC/DC converters as well as
freewheeling diodes in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
TO-220AB, TO-220FP
IF(AV)
2 x 10 A
VR
300 V
VF at IF
1.25 V
trr typ.
See Recovery table
TJ max.
175 °C
Diode variation
Common cathode
TO-220AB
TO-220 FULL-PAK
VS-20CTH03PbF
VS-20CTH03FPPbF
Anode
1
3
2
Base
common
cathode
2
Common
cathode
Anode
Anode
1
3
2
Common
cathode
Anode
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
300
V
Average rectified forward current
per diode
IF(AV)
TC = 160 °C
10
A
(FULL-PAK) per diode
TC = 135 °C
per device
20
Non-repetitive peak surge current
IFSM
TJ = 25 °C
120
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
300
-
-
V
Forward voltage
VF
IF = 10 A
-
1.05
1.25
IF = 10 A, TJ = 125 °C
-
0.85
0.95
Reverse leakage current
IR
VR = VR rated
-
-
20
μA
TJ = 125 °C, VR = VR rated
-
6
200
Junction capacitance
CT
VR = 300 V
-
30
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8
-
nH


Similar Part No. - 20CTH03FPPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTH03FPPBF IRF-20CTH03FPPBF Datasheet
250Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
20CTH03FPPBF VISHAY-20CTH03FPPBF Datasheet
115Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 11-Sep-08
20CTH03FPPBF VISHAY-20CTH03FPPBF Datasheet
194Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 02-Jan-12
20CTH03FPPBF VISHAY-20CTH03FPPBF Datasheet
201Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
More results

Similar Description - 20CTH03FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
VS-20CTH03 VISHAY-VS-20CTH03 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
30CTH02PBF VISHAY-30CTH02PBF_11 Datasheet
188Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
20CTH03PBF VISHAY-20CTH03PBF_12 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 02-Jan-12
VS-20CTH03PBF VISHAY-VS-20CTH03PBF Datasheet
210Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 13-May-16
VS-20CDH02-M3 VISHAY-VS-20CDH02-M3_V01 Datasheet
154Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CTH03-M3 VISHAY-VS-20CTH03-M3_V01 Datasheet
161Kb / 6P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CDH02HM3 VISHAY-VS-20CDH02HM3_V01 Datasheet
157Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CTH03SHM3 VISHAY-VS-20CTH03SHM3 Datasheet
209Kb / 8P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 09-Jun-16
VS-20CTH03SHM3 VISHAY-VS-20CTH03SHM3_V01 Datasheet
224Kb / 8P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com