Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

822-1002-C01 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 822-1002-C01
Description  Kotron짰 Sentinel Models 822, 832 and 842
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

822-1002-C01 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 822-1002-C01 Datasheet HTML 5Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 6Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 7Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 8Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 9Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 10Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 11Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 12Page - Magnetrol International, Inc. 822-1002-C01 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches
6
To install a probe:
1. Attach the weight or anchor assembly to the end
of the probe. Insert the probe through the vessel’s
mounting connection, and feed the cable into the
vessel. Do not allow the probe to scrape against the
connection threads.
2. Secure the anchor assembly (if used), to the bottom of
the vessel.
3. Apply thread sealant to the mounting nut. Screw the
mounting nut into the mounting connection until tight.
4. Remove the Mylar housing insulator located over the
clamp. DO NOT DISCARD.
5. Loosen both socket head screws from the clamp. Pull the
clamp and Teflon® retaining bushing off of the probe.
6. While holding on to the probe cable, loosen the upper
packing gland nut. DO NOT ALLOW THE PROBE
CABLE TO FALL INTO THE VESSEL.
7. Pull the excess cable up through the packing gland nut
until the cable is taut. Tighten the packing gland nut.
8. Cut the cable 1.35" (34 mm) above the packing gland nut
and strip off 1.25" (32 mm) of insulation.
9. Slide the Teflon® retaining bushing onto the cable and seat
it into the packing gland nut. Slide the clamp onto the
cable and seat it against the Teflon® retaining bushing.
10. Tighten both socket head screws, on the clamp, to approx-
imately 35 in/lbs of torque. Slip the Mylar® insulator over
the clamp.
Caution: Check probe terminal connection carefully to be certain
lug will not short to packing gland or interfere with assem-
bly of amplifier housing to probe.
11. Locate the white wire which is fastened to the probe
terminal (P), Connect the free end of this wire to the
probe connection screw.
12. Proceed to Section 1.7, Wiring.
MYLAR INSULATOR
PROBE WIRE SCREW
CLAMP
SET SCREW
SEAL
FLARE
CLAMP
RETAINING
BUSHING
PROBE
CABLE
3/8-16-UNC-2B
LOWER
MOUNTING NUT
HALF
UPPER
MOUNTING NUT
HALF
Figure 10
Integral Mount with Flexible Probe


Similar Part No. - 822-1002-C01

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
822-1000-C00 MAGNETROL-822-1000-C00 Datasheet
211Kb / 8P
   Kotron짰 Sentinel Models 822, 832 and 842 RF Point Level Switches
More results

Similar Description - 822-1002-C01

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
822-1000-C00 MAGNETROL-822-1000-C00 Datasheet
211Kb / 8P
   Kotron짰 Sentinel Models 822, 832 and 842 RF Point Level Switches
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
   Kotron짰 Sentinel Model 804 RF Level Transmitter
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
   Kotron짰 Sentinel II Model 804 RF Level Transmitter
logo
List of Unclassifed Man...
PL1000V2 ETC1-PL1000V2 Datasheet
557Kb / 16P
   Models PL1000v2 and PLW1000v2
logo
Magnetrol International...
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
logo
API Technologies Corp
CMN697 APITECH-CMN697 Datasheet
77Kb / 1P
   822 MHz Band Reject Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1300A TAI-SAW-TA1300A Datasheet
481Kb / 6P
   SAW Filter 832 MHz
logo
List of Unclassifed Man...
DPL04 ETC2-DPL04 Datasheet
130Kb / 4P
   Standard, piano and right angle models
logo
Connor-Winfield Corpora...
TL602-024M CONNOR-WINFIELD-TL602-024M Datasheet
392Kb / 3P
   TCXO Specification Models TL602 and TVL602
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
   Extended and standard temperature range models.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com