Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETF04PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20ETF04PBF
Description  Fast Soft Recovery Rectifier Diode, 20 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETF04PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  20ETF04PBF Datasheet HTML 1Page - Vishay Siliconix 20ETF04PBF Datasheet HTML 2Page - Vishay Siliconix 20ETF04PBF Datasheet HTML 3Page - Vishay Siliconix 20ETF04PBF Datasheet HTML 4Page - Vishay Siliconix 20ETF04PBF Datasheet HTML 5Page - Vishay Siliconix 20ETF04PBF Datasheet HTML 6Page - Vishay Siliconix 20ETF04PBF Datasheet HTML 7Page - Vishay Siliconix 20ETF04PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94096
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 15-Apr-08
1
Fast Soft Recovery
Rectifier Diode, 20 A
20ETF..PbF Soft Recovery Series
Vishay High Power Products
FEATURES/DESCRIPTION
The 20ETF..PbF fast soft recovery rectifier series
has been optimized for combined short reverse
recovery time and low forward voltage drop.
The glass passivation ensures stable reliable
operation in the most severe temperature and
power cycling conditions.
This product series has been designed and qualified for
industrial level and lead (Pb)-free.
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input rectifications where severe restrictions on conducted
EMI should be met
PRODUCT SUMMARY
VF at 10 A
< 1.2 V
IFSM
300 A
VRRM
200 to 600 V
Anode
1
2
3
Cathode
TO-220AC
Base
cathode
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
Range
200 to 600
V
IF(AV)
Sinusoidal waveform
20
A
IFSM
300
trr
1 A, 100 A/µs
60
ns
VF
10 A, TJ = 25 °C
1.2
V
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK REVERSE
VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
20ETF02PbF
200
300
5
20ETF04PbF
400
500
20ETF06PbF
600
700
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 97 °C, 180° conduction half sine wave
20
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
250
10 ms sine pulse, no voltage reapplied
300
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
316
A2s
10 ms sine pulse, no voltage reapplied
442
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
4420
A2
√s
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 20ETF04PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF04 IRF-20ETF04 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
20ETF04 ISC-20ETF04 Datasheet
242Kb / 2P
   Fast Recovery Rectifier Diode
logo
Vishay Siliconix
20ETF04FN VISHAY-20ETF04FN Datasheet
327Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 06-Aug-10
20ETF04FNPBF VISHAY-20ETF04FNPBF Datasheet
327Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 06-Aug-10
logo
International Rectifier
20ETF04FP IRF-20ETF04FP Datasheet
208Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE TO-220 FULLPAK
More results

Similar Description - 20ETF04PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETFFPPBF VISHAY-VS-20ETFFPPBF Datasheet
222Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
20ETF02FPPBF VISHAY-20ETF02FPPBF Datasheet
327Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 06-Aug-10
VS-20ETF06THM3 VISHAY-VS-20ETF06THM3 Datasheet
331Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 27-Mar-2019
VS-20ETF02FP-M3 VISHAY-VS-20ETF02FP-M3_V01 Datasheet
307Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
01-Jan-2022
VS-20ETF06THM3 VISHAY-VS-20ETF06THM3_V01 Datasheet
329Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
01-Jan-2022
VS-20ETFPBF VISHAY-VS-20ETFPBF Datasheet
241Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETFFP-M3 VISHAY-VS-20ETFFP-M3 Datasheet
223Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETF0FPPBF VISHAY-VS-20ETF0FPPBF Datasheet
316Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETFM3 VISHAY-VS-20ETFM3 Datasheet
258Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 18-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com