Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETF12SRTL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 20ETF12SRTL
Description  Fast Soft Recovery Rectifier Diode, 20 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETF12SRTL Datasheet(HTML) 3 Page - Vishay Siliconix

  20ETF12SRTL Datasheet HTML 1Page - Vishay Siliconix 20ETF12SRTL Datasheet HTML 2Page - Vishay Siliconix 20ETF12SRTL Datasheet HTML 3Page - Vishay Siliconix 20ETF12SRTL Datasheet HTML 4Page - Vishay Siliconix 20ETF12SRTL Datasheet HTML 5Page - Vishay Siliconix 20ETF12SRTL Datasheet HTML 6Page - Vishay Siliconix 20ETF12SRTL Datasheet HTML 7Page - Vishay Siliconix 20ETF12SRTL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94099
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 17-Sep-09
3
20ETF..SPbF Soft Recovery Series
Fast Soft Recovery
Rectifier Diode, 20 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
150
0
Average Forward Current (A)
5
100
10
25
120
130
110
15
20
140
Conduction angle
20ETF.. Series
R
thJC (DC) = 0.9 K/W
30°
60°
90°
120°
180°
Ø
150
025
Average Forward Current (A)
15
530
110
35
120
100
10
20
130
140
20ETF.. Series
R
thJC (DC) = 0.9 K/W
Ø
Conduction period
30°
60°
90°
120°
180°
DC
10
0
35
0
Average Forward Current (A)
20
25
25
30
20
10
15
5
5
15
Conduction angle
20ETF.. Series
T
J = 150 °C
RMS limit
180°
120°
90°
60°
30°
Ø
10
0
45
0
Average Forward Current (A)
25
35
15
10
25
5
15
5
20
35
20
30
40
30
RMS limit
Ø
Conduction period
20ETF.. Series
T
J = 150 °C
180°
120°
90°
60°
30°
DC
350
50
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
200
100
150
250
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
20ETF.. Series
300
150
50
0.01
0.1
1
Pulse Train Duration (s)
300
100
200
250
350
400
20ETF.. Series
Maximum non-repetitive surge current
versus pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied


Similar Part No. - 20ETF12SRTL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF12S IRF-20ETF12S Datasheet
233Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free (PbF suffix)
logo
Inchange Semiconductor ...
20ETF12S ISC-20ETF12S Datasheet
284Kb / 2P
   Fast Recovery Rectifier Diode
logo
International Rectifier
20ETF12SPBF IRF-20ETF12SPBF Datasheet
233Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free (PbF suffix)
20ETF12STRL IRF-20ETF12STRL Datasheet
123Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
20ETF12STRL IRF-20ETF12STRL Datasheet
233Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free (PbF suffix)
More results

Similar Description - 20ETF12SRTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETFFPPBF VISHAY-VS-20ETFFPPBF Datasheet
222Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
20ETF02FPPBF VISHAY-20ETF02FPPBF Datasheet
327Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 06-Aug-10
20ETF02PBF VISHAY-20ETF02PBF Datasheet
332Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 15-Apr-08
VS-20ETF06THM3 VISHAY-VS-20ETF06THM3 Datasheet
331Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 27-Mar-2019
VS-20ETF02FP-M3 VISHAY-VS-20ETF02FP-M3_V01 Datasheet
307Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
01-Jan-2022
VS-20ETF06THM3 VISHAY-VS-20ETF06THM3_V01 Datasheet
329Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
01-Jan-2022
VS-20ETFPBF VISHAY-VS-20ETFPBF Datasheet
241Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETFFP-M3 VISHAY-VS-20ETFFP-M3 Datasheet
223Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETF0FPPBF VISHAY-VS-20ETF0FPPBF Datasheet
316Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETFM3 VISHAY-VS-20ETFM3 Datasheet
258Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 18-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com