Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETS08STRRPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 20ETS08STRRPBF
Description  Input Rectifier Diode, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETS08STRRPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  20ETS08STRRPBF Datasheet HTML 1Page - Vishay Siliconix 20ETS08STRRPBF Datasheet HTML 2Page - Vishay Siliconix 20ETS08STRRPBF Datasheet HTML 3Page - Vishay Siliconix 20ETS08STRRPBF Datasheet HTML 4Page - Vishay Siliconix 20ETS08STRRPBF Datasheet HTML 5Page - Vishay Siliconix 20ETS08STRRPBF Datasheet HTML 6Page - Vishay Siliconix 20ETS08STRRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94340
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 28-Jul-10
VS-20ETS08SPbF, VS-20ETS12SPbF High Voltage Series
Vishay Semiconductors
Input Rectifier Diode, 20 A
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
1
10
100
1000
Instantaneous Forwad Voltage (V)
1.0
0.5
1.5
2.0
3.5
4.0
2.5
3.0
0
T
J = 25°C
T
J = 150°C
20ETS.. Series
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
Steady state value
(DC operation)
Single pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
20ETS.. Series


Similar Part No. - 20ETS08STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS08STRR IRF-20ETS08STRR Datasheet
179Kb / 7P
   INPUT RECTIFIER DIODE
More results

Similar Description - 20ETS08STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETS08FPPBF VISHAY-20ETS08FPPBF Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
20ETS16PBF VISHAY-20ETS16PBF Datasheet
167Kb / 6P
   Input Rectifier Diode, 20 A
Revision: 02-Nov-10
20ETSS VISHAY-20ETSS Datasheet
107Kb / 6P
   Input Rectifier Diode, 20 A
Revision: 28-Jul-08
VS-20ETS-M3 VISHAY-VS-20ETS-M3 Datasheet
219Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
01-Jan-2022
VS-20ETSFPPBF VISHAY-VS-20ETSFPPBF Datasheet
147Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 12-Feb-16
VS-20ETS16THM3 VISHAY-VS-20ETS16THM3 Datasheet
164Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 27-Mar-2019
20ETS08PBF VISHAY-20ETS08PBF Datasheet
228Kb / 9P
   High Voltage Input Rectifier Diode, 20 A
Revision: 18-Aug-11
VS-20ETS12THM3 VISHAY-VS-20ETS12THM3 Datasheet
212Kb / 8P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 27-Mar-2019
VS-20ETS16-M3 VISHAY-VS-20ETS16-M3 Datasheet
162Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 16-Oct-17
VS-20ETSFPPBF VISHAY-VS-20ETSFPPBF_V01 Datasheet
122Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com