Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

940-111E-001 Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # 940-111E-001
Description  Echotel짰 Model 940/941 Ultrasonic Level Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

940-111E-001 Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  940-111E-001 Datasheet HTML 1Page - Magnetrol International, Inc. 940-111E-001 Datasheet HTML 2Page - Magnetrol International, Inc. 940-111E-001 Datasheet HTML 3Page - Magnetrol International, Inc. 940-111E-001 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ultrasonic
transducer
Customer
provided
conduit
Transmit
crystal
Receive
crystal
Figure 1
Ultrasonic signal transmission
across transducer gap
T E C H N O L O G Y
Ultrasonic energy detects the presence or absence of liquid in a
tip sensitive transducer gap. The principle behind contact ultra-
sonic technology is that high frequency sound waves are easily
transmitted across a transducer gap in the presence of liquid, but
are attenuated when the gap is dry.
The transducer uses a pair of piezoelectric crystals that are
encapsulated in epoxy at the tip of the transducer. The crystals
are made of a ceramic material that vibrates at a given frequency
when subjected to an applied voltage. The transmit crystal con-
verts the applied voltage from the electronics into an ultrasonic
signal. When liquid is present in the gap, the receive crystal is
able to sense the ultrasonic signal from the transmit crystal and
convert it back to an electrical signal. This signal is sent to the
electronics to indicate the presence of liquid in the transducer
gap. When there is no liquid present, the ultrasonic signal is
attenuated and is not detected by the receive crystal.
S P E C I F I C A T I O N S
Electrical:
Power Supply:
12–35 VDC
Power Consumption:
Less than 1 Watt
Signal Output:
Model 940:
SPDT relay, 1 amp @ 30 VDC, 0.5 amp @ 125 VDC, 0.5 amp @ 150 VAC
Model 941:
Dry Gap: 8 mA (±1 mA), Wet Gap: 16 mA (±1 mA)
Cabling:
18" (457 mm) flying leads of 18 AWG wires
Repeatability:
0.078" (2 millimeters)
Response Time:
1
2 second typical
Environmental:
Ambient Temperature:
-40° to +185° F (-40° to +85° C)
Process Temperature:
-40° to +185° F (-40° to +85° C)
Maximum Pressure:
2000 psig (138 bar) for 1" (3 cm) and 2" (5 cm) transducers
1500 psig (103 bar) for transducers longer than 2" (5 cm)
Shock
ANSI/ISA-S71.03 Class SA1
Vibration
ANSI/ISA-S71.03 Class VC2
These units have been tested to EN 50081-2
and EN 50082-2 and are in compliance with
the EMC Directive 89/336/EEC.
A G E N C Y A P P R O V A L S
AGENCY
APPROVED MODELS
PROTECTION METHOD
AREA CLASSIFICATION
FM & CSA
94X-XXXX-XXX
Non-Incendive
Class I, Div. 2,Groups A,B,C, & D
Class II, Div. 2, Groups E,F, & G
Class III, Type 4X, IP 66, T4
941-XXXX-XXX
Intrinsically Safe
Class I, Div. 1,Groups A,B,C, & D
Class II, Div. 1, Groups E,F, & G
Class III, Type 4X, IP 66, T4
2


Similar Part No. - 940-111E-001

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
940-111E-004 MAGNETROL-940-111E-004 Datasheet
225Kb / 8P
   Echotel짰 Model 940/941
More results

Similar Description - 940-111E-001

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
940-111E-004 MAGNETROL-940-111E-004 Datasheet
225Kb / 8P
   Echotel짰 Model 940/941
910-A1A0-003 MAGNETROL-910-A1A0-003 Datasheet
199Kb / 4P
   Echotel짰 Model 910 Ultrasonic Level Switch
961-20A0-011 MAGNETROL-961-20A0-011 Datasheet
440Kb / 12P
   Echotel짰 Model 961/962 Ultrasonic Level Switches
960-58A0-031 MAGNETROL-960-58A0-031 Datasheet
251Kb / 8P
   Echotel짰 Model 960 AS-Interface짰 Ultrasonic Level Switches
910-A1A0-006 MAGNETROL-910-A1A0-006 Datasheet
289Kb / 12P
   Echotel짰 Model 910
335-AA1A-G5P MAGNETROL-335-AA1A-G5P Datasheet
172Kb / 4P
   Echotel짰 Model 335 Non-Contact Ultrasonic Transmitter for Level, Volume, or Open Channel Flow
300-R010-45G MAGNETROL-300-R010-45G Datasheet
546Kb / 36P
   Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
300-R010-45L MAGNETROL-300-R010-45L Datasheet
223Kb / 12P
   Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
355-500A-10B MAGNETROL-355-500A-10B Datasheet
469Kb / 8P
   Echotel짰 Model 355 Non-Contact Ultrasonic Two-Wire Transmitter for Level, Volume, or Open Channel Flow
960-20A0-010 MAGNETROL-960-20A0-010 Datasheet
238Kb / 8P
   Echotel짰 Models 960/961 Ultrasonic Level Switches for Hygienic Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com