Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20L15RSPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 20L15RSPBF
Description  Schottky Rectifier, 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20L15RSPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  20L15RSPBF Datasheet HTML 1Page - Vishay Siliconix 20L15RSPBF Datasheet HTML 2Page - Vishay Siliconix 20L15RSPBF Datasheet HTML 3Page - Vishay Siliconix 20L15RSPBF Datasheet HTML 4Page - Vishay Siliconix 20L15RSPBF Datasheet HTML 5Page - Vishay Siliconix 20L15RSPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 20L15RSPBF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
20L150CT YFWDIODE-20L150CT Datasheet
693Kb / 4P
   Trench MOS Barrier Schottky Rectifier
20L150D YFWDIODE-20L150D Datasheet
510Kb / 3P
   Trench MOS Barrier Schottky Rectifier
logo
International Rectifier
20L15T IRF-20L15T Datasheet
167Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
20L15T VISHAY-20L15T Datasheet
110Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
20L15T-N3 VISHAY-20L15T-N3 Datasheet
161Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
More results

Similar Description - 20L15RSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ045PBF VISHAY-VS-20TQ045PBF Datasheet
165Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQ035SPBF VISHAY-20TQ035SPBF_13 Datasheet
157Kb / 8P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
   Schottky Rectifier, 20 A
Revision: 25-Jun-08
20L15TPBF VISHAY-20L15TPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 14-Aug-08
20TQ035PBF VISHAY-20TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20L15TS VISHAY-20L15TS Datasheet
111Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
20TQS VISHAY-20TQS Datasheet
117Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
VS-20L15TPBF VISHAY-VS-20L15TPBF_15 Datasheet
148Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQSPBF VISHAY-20TQSPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 20 A
Revision: 17-Jun-08
STPS20L15DPBF VISHAY-STPS20L15DPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 15-Aug-08
STPS20L15GPBF VISHAY-STPS20L15GPBF_10 Datasheet
105Kb / 6P
   Schottky Rectifier, 20 A
Revision: 16-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com