Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20MQ060NPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 20MQ060NPBF
Description  Schottky Rectifier, 2.1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20MQ060NPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  20MQ060NPBF_10 Datasheet HTML 1Page - Vishay Siliconix 20MQ060NPBF_10 Datasheet HTML 2Page - Vishay Siliconix 20MQ060NPBF_10 Datasheet HTML 3Page - Vishay Siliconix 20MQ060NPBF_10 Datasheet HTML 4Page - Vishay Siliconix 20MQ060NPBF_10 Datasheet HTML 5Page - Vishay Siliconix 20MQ060NPBF_10 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 95018
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 25-Jun-07
For technical questions concerning module products, contact: ind-modules@vishay.com
1
SMA
Outline Dimensions
Vishay High Power Products
DIMENSIONS in millimeters (inches)
2.50 (0.098)
2.90 (0.114)
4.00 (0.157)
4.60 (0.181)
1.40 (0.055)
1.60 (0.062)
0.152 (0.006)
0.305 (0.012)
2.00 (0.078)
2.44 (0.096)
0.76 (0.030)
1.52 (0.060)
0.103 (0.004)
0.203 (0.008)
4.80 (0.188)
5.28 (0.208)
2.10 MAX.
(0.085 MAX. )
5.53 (0.218)
1.27 MIN.
(0.050 MIN.)
1.47 MIN.
(0.058 MIN.)
Soldering pad
12
1
2
Polarity
Part Number


Similar Part No. - 20MQ060NPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20MQ060NPBF VISHAY-20MQ060NPBF Datasheet
95Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 24-Jul-08
More results

Similar Description - 20MQ060NPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10MQ060NPBF VISHAY-VS-10MQ060NPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
10MQ060NPBF VISHAY-10MQ060NPBF Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10MQ100NPBF VISHAY-10MQ100NPBF Datasheet
98Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
20MQ060NPBF VISHAY-20MQ060NPBF Datasheet
95Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 24-Jul-08
20MQ100NPBF VISHAY-20MQ100NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 04-Mar-10
VS-10MQ100NPBF VISHAY-VS-10MQ100NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
20MQ040NPBF VISHAY-20MQ040NPBF Datasheet
95Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 01-Sep-08
10MQ040NPBF VISHAY-10MQ040NPBF_10 Datasheet
110Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
10MQ060NPBF VISHAY-10MQ060NPBF_10 Datasheet
110Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
20MQ040NPBF VISHAY-20MQ040NPBF_10 Datasheet
107Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com