Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20MQ100NTRPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 20MQ100NTRPBF
Description  Schottky Rectifier, 2.1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20MQ100NTRPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  20MQ100NTRPBF Datasheet HTML 1Page - Vishay Siliconix 20MQ100NTRPBF Datasheet HTML 2Page - Vishay Siliconix 20MQ100NTRPBF Datasheet HTML 3Page - Vishay Siliconix 20MQ100NTRPBF Datasheet HTML 4Page - Vishay Siliconix 20MQ100NTRPBF Datasheet HTML 5Page - Vishay Siliconix 20MQ100NTRPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94591
2
Revision: 04-Mar-10
VS-20MQ100NPbF
Vishay High Power Products Schottky Rectifier, 2.1 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
Note
(1)
thermal runaway condition for a diode on its own heatsink
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
2 A
TJ = 25 °C
0.91
V
1.5 A
0.85
1 A
0.78
2 A
TJ = 125 °C
0.72
1.5 A
0.68
1 A
0.63
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.1
mA
TJ = 125 °C
1
Threshold voltage
VF(TO)
TJ = TJ maximum
0.52
V
Forward slope resistance
rt
78.4
m
Ω
Typical junction capacitance
CT
VR = 10 VDC, TJ = 25 °C, test signal = 1 MHz
38
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
2.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ (1), TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to ambient
RthJA
DC operation
80
°C/W
Approximate weight
0.07
g
0.002
oz.
Marking device
Case style SMA (similar D-64)
V2J
dP
tot
dT
J
-------------
1
R
thJA
--------------
<


Similar Part No. - 20MQ100NTRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20MQ100NTRPBF VISHAY-20MQ100NTRPBF Datasheet
100Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 24-Jul-08
More results

Similar Description - 20MQ100NTRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20MQ060NPBF VISHAY-20MQ060NPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 26-Oct-10
VS-10MQ060NPBF VISHAY-VS-10MQ060NPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
10MQ060NPBF VISHAY-10MQ060NPBF Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10MQ100NPBF VISHAY-10MQ100NPBF Datasheet
98Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
20MQ060NPBF VISHAY-20MQ060NPBF Datasheet
95Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 24-Jul-08
VS-10MQ100NPBF VISHAY-VS-10MQ100NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
20MQ040NPBF VISHAY-20MQ040NPBF Datasheet
95Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 01-Sep-08
10MQ040NPBF VISHAY-10MQ040NPBF_10 Datasheet
110Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
10MQ060NPBF VISHAY-10MQ060NPBF_10 Datasheet
110Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
20MQ040NPBF VISHAY-20MQ040NPBF_10 Datasheet
107Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com