Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20MT120UFP Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 20MT120UFP
Description  "Full Bridge" IGBT MTP (Ultrafast NPT IGBT), 40 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20MT120UFP Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 20MT120UFP Datasheet HTML 3Page - Vishay Siliconix 20MT120UFP Datasheet HTML 4Page - Vishay Siliconix 20MT120UFP Datasheet HTML 5Page - Vishay Siliconix 20MT120UFP Datasheet HTML 6Page - Vishay Siliconix 20MT120UFP Datasheet HTML 7Page - Vishay Siliconix 20MT120UFP Datasheet HTML 8Page - Vishay Siliconix 20MT120UFP Datasheet HTML 9Page - Vishay Siliconix 20MT120UFP Datasheet HTML 10Page - Vishay Siliconix 20MT120UFP Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Document Number: 95245
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 24-Sep-08
1
MTP MOSFET/IGBT Full-Bridge
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters
Ø 5
Ø 1.1
12 ± 0.5
4
20.5
2.5
31.8
33
41
32
13
14
11
12
9
10
5
6
15
16
7
8
R5.75 (x 2)
Ø 5.2 x 3
3 ± 0.1
8 ± 0.1
0.3 ± 0.1
7
6.6 ± 0.1
7.4 ± 0.1
0.6 x h1.2
63.5 ± 0.25
48.7
44.5
39.5
6.6 ± 0.1
7.4 ± 0.1
4.9 ± 0.1
8 ± 0.1
1.3
7 ± 0.1


Similar Part No. - 20MT120UFP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20MT120UF IRF-20MT120UF Datasheet
699Kb / 13P
   UltraFast NPT IGBT
logo
Vishay Siliconix
20MT120UFAPBF VISHAY-20MT120UFAPBF Datasheet
222Kb / 11P
   "Full Bridge" IGBT MTP (Ultrafast NPT IGBT), 20 A
Revision: 03-Aug-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com