Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25MT060WFAPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 25MT060WFAPBF
Description  "Full Bridge" IGBT MTP (Warp Speed IGBT), 50 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25MT060WFAPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  25MT060WFAPBF Datasheet HTML 1Page - Vishay Siliconix 25MT060WFAPBF Datasheet HTML 2Page - Vishay Siliconix 25MT060WFAPBF Datasheet HTML 3Page - Vishay Siliconix 25MT060WFAPBF Datasheet HTML 4Page - Vishay Siliconix 25MT060WFAPBF Datasheet HTML 5Page - Vishay Siliconix 25MT060WFAPBF Datasheet HTML 6Page - Vishay Siliconix 25MT060WFAPBF Datasheet HTML 7Page - Vishay Siliconix 25MT060WFAPBF Datasheet HTML 8Page - Vishay Siliconix 25MT060WFAPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94539
4
Revision: 01-Mar-09
25MT060WFAPbF
Vishay High Power Products "Full Bridge" IGBT MTP
(Warp Speed IGBT), 50 A
Fig. 4 - Maximum Transient Thermal Impedance, Junction to Case (Diode)
Fig. 5 - Typical Capacitance vs. Collector to Emitter Voltage
Fig. 6 - Typical Gate Charge vs. Gate to Emitter Voltage
Fig. 7 - Typical Switching Losses vs. Gate Resistance
Fig. 8 - Typical Switching Losses vs. Junction Temperature
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.01
0.02
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
t1, Rectangular Pulse Duration (sec)
0.10
0.01
0.02
0.05
1
10
100
1000
VCE (V)
0
1000
2000
3000
4000
5000
6000
7000
Cies
Coes
Cres
VGE = 0V, f = 1 MHZ
C
ies
= C
ge
+C
gc
, C
ce
SHORTED
C
res
= C
gc
C
oes
= C
ce
+ C
gc
0
50
100
150
200
QG, Total Gate Charge (nC)
0.0
4.0
8.0
12.0
16.0
IC= 25A
VCE = 480V
0
10
20
30
40
50
60
RG, Gate Resistance ( Ω)
0.0
0.5
1.0
1.5
VCC = 480V
VGE = 15V
TJ = 25°C
I C = 25A
EOFF
EON
20
40
60
80
100
120
140
160
TJ, Junction Temperature (°C)
0.1
1
10
RG = 5.0Ω
VGE = 15V
VCC = 480V
IC = 50A
IC = 25A
IC = 12.5A


Similar Part No. - 25MT060WFAPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25MT060WF IRF-25MT060WF Datasheet
80Kb / 3P
   FULL-BRIDGE IGBT MTP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com